Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ2102 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ2102
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ2102 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ2102 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2102 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2102 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2102 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2102 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-323 Plastic-Encapsulate MOSFETS
CJ2102
N-Channel MOSFET
FEATURE
TrenchFET Power MOSFET
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
MARKING
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
2.1
Continuous Source-Drain Current(Diode Conduction)
IS
0.6
A
Power Dissipation
PD
0.2
W
Thermal Resistance from Junction to Ambient (t≤5s)
RθJA
625
℃/W
Operating Junction
TJ
150
Storage Temperature
TSTG
-55 ~+150
SOT-323
1. GATE
2. SOURCE
3. DRAIN
V(BR)DSS
RDS(on)MAX
ID
20 V
 
68mΩ@4.5V 
2.1A
115mΩ@2.5V  
Equivalent Circuit
www.cj-elec.com
1
C,Apr,2015


Similar Part No. - CJ2102

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ2102 ZPSEMI-CJ2102 Datasheet
638Kb / 2P
   SOT-323 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ2102

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com