Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3019 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SK3019
Description  N-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SK3019 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SK3019 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK3019 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK3019 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK3019 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK3019 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
04
8
12
16
20
0
3
6
9
12
15
012
34
1
10
100
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
01
23
45
0
40
80
120
160
200
1
10
100
1
10
I
D=50mA
I
D=100mA
I
D
R
DS(ON)
——
T
a=25
Pulsed
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=25
Pulsed
200
3
30
V
DS=3V
T
a=25
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
200
30
T
a=25
Pulsed
3
0.3
V
SD
I
S ——
SOURCE TO DRAIN VOLTAGE V
SD
(V)
4.0V
3.5V
3.0V
V
GS=1.5V
2.5V
2.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
200
30
3
30
3
50
V
GS=2.5V
V
GS=4V
T
a=25
Pulsed
DRAIN CURRENT I
D
(mA)
Typical Characteristics
ZZZFMHOHFFRP
3
D,Apr,2015


Similar Part No. - 2SK3019

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
   Small switching (30V, 0.1A)
2SK3019 ROHM-2SK3019 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
2SK3019 ROHM-2SK3019 Datasheet
76Kb / 4P
   2.5V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK3019 KEXIN-2SK3019 Datasheet
1,002Kb / 3P
   N-Channel MOSFET
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
78Kb / 4P
   2.5V Drive Nch MOS FET
More results

Similar Description - 2SK3019

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com