Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83C694 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 83C694
Description  TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

83C694 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 83C694 Datasheet HTML 11Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 12Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 13Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 14Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 15Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 16Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 17Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 18Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
PIN
NUMBER
MNEMONIC
SIGNAL NAME
I/O
DESCRIPTION
16
LBK
Loopback
I
A high level enables loopback of TXD to
RXD/RXC. A low level enables normal trans-
mit/receive operation. The LBK pin includes
an internal pull-down resistor, so it may be left
open if unused.
17
X1
Crystal/Ext. Input
I
X1 is driven by an external clock frequency
source or is connected to one terminal of the
20MHz crystal.
The IEEE 802.3 standard requires 0.01% ab-
solute accuracy on the transmitted signal fre-
quency. Stray capacitance can shift the
crystal’s frequency out of range, causing it to
exceed the 0.01% tolerance. To remedy this,
extra load capacitance may be added.
To determine the amount of capacitance to
add, measure the board capacitance and the
capacitance between the X1 and X2 pins.
Then add these values together, and subtract
them from the crystal’s required load capaci-
tance. (Refer to Figure 2-1.)
18
X2
Crystal Feedback
O
This output is connected to the other terminal
of the 20MHz crystal. If X1 is driven with an
external source, X2 must be left open.
19
TXD
Transmit Data
I
TXD is sampled on the rising edge of TXC
when TXE is high. The NRZ data input here
is encoded and transmitted on TX+/TX- or
TPX+/TPX- as a differential signal.
20
TXC
Transmit Clock
O
This is a 10MHz clock signal derived from the
internal 20MHz oscillator. It is enabled except
when RES is low and MPE is high.
21
TXE
Transmit Enable
I
TXE enables encoding and transmission of
the data input via TXD. It is sampled on the
rising edge of TXC.
22
TPX2-
TwPr Transmit
O
TPX2- is used for 10BaseT only. It is the low
current negative output pin. See TPX1+ for
details.
23
TPX1-
TwPr Transmit
O
TPX1- is used for 10BaseT only. It is the high
current negative output pin. See TPX1+ for
details.
TABLE 3-1. PIN DESCRIPTION cont.
83C694D
PIN DESCRIPTION
12


Similar Part No. - 83C694

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
83C694D SMSC-83C694D Datasheet
205Kb / 33P
   Twisted-Pair Interface and Manchester Encoder/Decoder
More results

Similar Description - 83C694

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
83C694D SMSC-83C694D Datasheet
205Kb / 33P
   Twisted-Pair Interface and Manchester Encoder/Decoder
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Assmann Electronics Inc...
AK579F-2-R ASSMANN-AK579F-2-R Datasheet
95Kb / 1P
   Twisted Pair and One by One
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
National Semiconductor ...
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
   AT Local Area Network Twisted-Pair Interface Controller
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Texas Instruments
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com