Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PALCE20V8 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. PALCE20V8
Description  Flash Erasable, Reprogrammable CMOS PAL Device
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

PALCE20V8 Datasheet(HTML) 5 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PALCE20V8
Document #: 38-03026 Rev. **
Page 5 of 14
AC Test Loads and Waveforms
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
2ns
≤ 2ns
20V8–5
OUTPUT
R2
R1
CL
S1
5V
TEST POINT
20V8–6
Specification
S1
CL
Commercial
Military
Measured Output Value
R1
R2
R1
R2
tPD, tCO
Closed
50 pF
200
390
390
750
1.5V
tPZX, tEA
Z ➧ H: Open
Z ➧ L: Closed
1.5V
tPXZ, tER
H ➧ Z: Open
L ➧ Z: Closed
5 pF
H ➧ Z: VOH − 0.5V
L ➧ Z: VOL + 0.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn