Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR240L Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part No. SR240L
Description  2.0 AMP. L O W V F Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DYELEC [DIYI Electronic Technology Co., Ltd.]
Homepage  http://www.dyelec.com/
Logo 

SR240L Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
2of2
5.0
10
FIG. 3
MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.1
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
1.0
SR280L- SR2100L
TA = 25
FIG. 1 - FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
2.0
0.5
0
2.5
1.5
1.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE (
)
C
°
2200L
2150L
SR
-
SR240L-250L
SR260L
SR2 4 0L THRU SR2 2 00L
75
60
45
30
15
1
2
4
6
8 10
20
60 80 100
40
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T=25 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
T=75 C
J
O
T =125 C
J
O
FIG.4TYPICALREVERSE CHRACTERISTIC
www.dyelec.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn