Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR240L Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SR240L
Description  2.0 AMP. L O W V F Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SR240L Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SR240L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SR240L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
version:01
1of2
0.45
2.0 AMP. L O W
V F Schottky Barrier Rectifiers
60
0.75
0.85
0.05
0.1
0.5
2200L
2150L
2100L
280L
245L
240L
5.0
-55 to + 150
•Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame Retardant Epoxy Molding Compound.
• Guard ring for overvoltage protection
• High current capability, low forward voltage drop
• Low power loss, high efficiency
• High surge capability
Mechanical Data
· Case: Molded plastic DO-15
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Dimensions in inches and (millimeters)
Features
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRRM
40
45
80
100
150
200
V
VRMS
28
31.5
56
70
105
140
V
VDC
40
45
80
100
150
200
V
IO
A
IFSM
A
VFM
V
C
pF
℃/W
TJ
TSTG
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Peak Reverse Current
@TA=25℃
75
Type Number
IR
mA
Forward Voltage
@IF=2.0A
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@TA=75℃
220
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance Junction to
Ambient(Note 1)
Operating Temperature Range
Storage Temperature Range
Maximum Ratings and Electrical Characteristics
2.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
At Rated DC Blocking Voltage @TA=100℃
180
10.0
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
RθJA
SR
SR
SR
SR
SR
SR
-55 to + 150
J
SR2 4 0L THRU SR2 2 00L
MIN.
MIN.
DIA.
DIA.
DO-15
www.dyelec.com
0.96(24.5)
0.96(24.5)
50
35
50
SR
60
42
60
SR
250L
260L


Similar Part No. - SR240L

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR240L JINANJINGHENG-SR240L Datasheet
58Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR240L CHENDA-SR240L Datasheet
591Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SR240L CHONGQING-SR240L Datasheet
177Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jing Heng Electro...
SR240L JINGHENG-SR240L Datasheet
58Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SR240L ZSELEC-SR240L Datasheet
164Kb / 2P
   2.0A LOW VF SCHOTTKY BARRIER DIODE
More results

Similar Description - SR240L

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SR240SL DYELEC-SR240SL Datasheet
620Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SB240SL DYELEC-SB240SL Datasheet
620Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SB240L DYELEC-SB240L Datasheet
589Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SB8L40L DYELEC-SB8L40L Datasheet
609Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR15L40 DYELEC-SR15L40 Datasheet
667Kb / 2P
   15.0 AMP. L O W V F Schottky Barrier Rectifiers
SR140L DYELEC-SR140L Datasheet
631Kb / 2P
   1.0 AMP. L O W V F Schottky Barrier Rectifiers
SR8L40 DYELEC-SR8L40 Datasheet
609Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR10L40 DYELEC-SR10L40 Datasheet
666Kb / 2P
   10.0 AMP. L O W V F Schottky Barrier Rectifiers
SB10L40L DYELEC-SB10L40L Datasheet
667Kb / 2P
   10.0 AMP. L O W V F Schottky Barrier Rectifiers
SB15L40L DYELEC-SB15L40L Datasheet
668Kb / 2P
   15.0 AMP. L O W V F Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com