Electronic Components Datasheet Search |
|
SR10L40 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd. |
|
SR10L40 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd. |
1 / 2 page 275 0.45 10.0 AMP. L O W V F Schottky Barrier Rectifiers 0.6 0.85 0.1 0.3 0.5 10L200 10L150 10L100 10L80 10L60 10L40 5.0 -55 to + 150 •Plastic package has Underwriters Laboratory Flammability Classification 94V-0 utilizing Flame Retardant Epoxy Molding Compound. • Guard ring for overvoltage protection • High current capability, low forward voltage drop • Low power loss, high efficiency • High surge capability Mechanical Data · Case: Molded plastic R-6 · Terminals: Plated leads solderable per MIL-STD-202,Method 208 guaranteed · Polarity: Color band dentes cathode end · Mounting Position: Any · Making: Type Number · Lead Free: For RoHS/Lead Free Version Dimensions in inches and (millimeters) Features Maximum Ratings and Electrical Characteristics Rating at 25℃ ambient temperature unless otherwise specified Single phase,half wave,60Hz,resistive or inductive load For capacitive load derate current by 20% SYMBOL Unit VRRM 40 60 80 100 150 200 V VRMS 28 42 56 70 105 140 V VDC 40 60 80 100 150 200 V IO A IFSM A VFM V C pF ℃/W TJ ℃ TSTG ℃ Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case Peak Reverse Current @TA=25℃ 3 Type Number IR mA Forward Voltage @IF=10.0A Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Average Rectified Output Current (Note 1) @TA=95℃ Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient(Note 1) Operating Temperature Range Storage Temperature Range Maximum Ratings and Electrical Characteristics 10.0 Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) At Rated DC Blocking Voltage @TA=100℃ 450 10.0 Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C version:A0 1of2 www.dyelec.com RθJA SR SR SR SR SR SR -55 to + 150 J SR10L 4 0 THRU SR10L 2 00 MIN. MIN. DIA. DIA. R-6 10L45 45 31.5 45 SR 0.96(24.5) 0.96(24.5) 10L50 50 35 50 SR |
Similar Part No. - SR10L40 |
|
Similar Description - SR10L40 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |