Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPX60R600P6 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPX60R600P6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPX60R600P6 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPX60R600P6 Datasheet HTML 1Page - Infineon Technologies AG IPX60R600P6 Datasheet HTML 2Page - Infineon Technologies AG IPX60R600P6 Datasheet HTML 3Page - Infineon Technologies AG IPX60R600P6 Datasheet HTML 4Page - Infineon Technologies AG IPX60R600P6 Datasheet HTML 5Page - Infineon Technologies AG IPX60R600P6 Datasheet HTML 6Page - Infineon Technologies AG IPX60R600P6 Datasheet HTML 7Page - Infineon Technologies AG IPX60R600P6 Datasheet HTML 8Page - Infineon Technologies AG IPX60R600P6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
600VCoolMOS™P6PowerTransistor
IPB60R600P6,IPP60R600P6,IPA60R600P6,
IPD60R600P6
Rev.2.2,2015-07-10
Final Data Sheet
3Thermalcharacteristics
Table3Thermalcharacteristics(NonFullPAK)TO-220
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
2
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
62
°C/W leaded
Soldering temperature, wavesoldering
only allowed at leads
Tsold
-
-
260
°C
1.6mm (0.063 in.) from case for 10s
Table4Thermalcharacteristics(FullPAK)TO-220FP
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
4.5
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
80
°C/W leaded
Soldering temperature, wavesoldering
only allowed at leads
Tsold
-
-
260
°C
1.6mm (0.063 in.) from case for 10s
Table5ThermalcharacteristicsTO-252,TO-263
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
2
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
62
°C/W device on PCB, minimal footprint
Thermal resistance, junction - ambient
for SMD version
RthJA
-
35
45
°C/W
Device on 40mm*40mm*1.5mm
epoxy PCB FR4 with 6cm² (one
layer, 70µm thickness) copper area
for drain connection and cooling.
PCB is vertical without air stream
cooling.
Soldering temperature, wave & reflow
soldering allowed
Tsold
-
-
260
°C
reflow MSL1


Similar Part No. - IPX60R600P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPX60R099P6 INFINEON-IPX60R099P6 Datasheet
2Mb / 18P
   600V CoolMOS??P6 Power Transistor
Rev.2.1,2015-05-18
IPX60R125C6 INFINEON-IPX60R125C6 Datasheet
1Mb / 18P
   MOSFET Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.3
IPX60R125P6 INFINEON-IPX60R125P6 Datasheet
2Mb / 18P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2014-03-07
IPX60R160P6 INFINEON-IPX60R160P6 Datasheet
3Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
IPX60R190P6 INFINEON-IPX60R190P6 Datasheet
3Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
More results

Similar Description - IPX60R600P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com