Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER507 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # HER507
Description  5 .0 AMP. High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

HER507 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  HER507 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. HER507 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
Forward Voltage
@IF=5.0A
20
-55 to +125
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-201AD
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
HER
501
HER
502
HER
503
HER
504
HER
505
HER
506
HER
507
HER
508
Unit
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
630
700
V
VDC
50
100
200
300
400
600
800
1000
V
IO
A
IFSM
A
VFM
V
CJ
pF
RθJA
/W
Trr
ns
TJ
TSTG
IR
uA
Note: 1. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
/Storage Temperature Range
-55 to +150
2. Leads maintained at ambient temperature at a distance of 9.5mm from the case
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
version:01
1of2
www.dyelec.com
Typical Thermal Resistance Junction to
Ambient(Note 2)
Maximum Reverse Recovery Time(Note 3)
50
75
Operating Temperature Range
Peak Reverse Current
@TA=25
5.0
At Rated DC Blocking Voltage @TA=100
100
Typical Junction Capacitance (Note 1)
Peak Forward Surge Current 8.3ms Single
half sine-wave superimposed on rated load
(JEDEC Method)
150
1.0
1.3
1.7
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current.375"(9.5mm) lead length@TA=55
5.0
HER501 THRU HER508
Features
Maximum Ratings and Electrical Characteristics
5 .0 AMP. High Efficient Rectifiers
75
50
Plastic material-UL
94V-0
·
flammability
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)


Similar Part No. - HER507

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER507 MOSPEC-HER507 Datasheet
123Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
logo
Guangdong Juxing Electr...
HER507 JUXING-HER507 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Galaxy Semi-Conductor H...
HER507 BILIN-HER507 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER507 DGNJDZ-HER507 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nantong Hornby Electron...
HER507 HORNBY-HER507 Datasheet
274Kb / 3P
   HIGH EFFICENCY RECTIFIER
More results

Similar Description - HER507

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MUR505 DYELEC-MUR505 Datasheet
666Kb / 2P
   5 .0 AMP. High Efficient Rectifiers
HER301U DYELEC-HER301U Datasheet
515Kb / 2P
   .0 AMP. High Efficient Rectifiers
HER601 DYELEC-HER601 Datasheet
848Kb / 2P
   6 .0 AMP. High Efficient Rectifiers
HER301 DYELEC-HER301 Datasheet
514Kb / 2P
   3 .0 AMP. High Efficient Rectifiers
HER301GU DYELEC-HER301GU Datasheet
549Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
HER301G DYELEC-HER301G Datasheet
547Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
logo
DIOTEC Electronics Corp...
SPR51 DEC-SPR51 Datasheet
520Kb / 2P
   5 AMP SUPER-EFFICIENT RECTIFIERS
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_1 Datasheet
264Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com