Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR305U Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # FR305U
Description  3 .0 AMP.Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

FR305U Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  FR305U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. FR305U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
FR307U
FR306U
FR305U
FR304U
FR303U
FR302U
FR301U
FR301U THRU FR307U
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-201AD
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IO
A
IFSM
A
VFM
V
CJ
pF
RθJA
/W
Trr
250
ns
TJ
3
Features
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current.375"(9.5mm) lead length@TA=55
3.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load
(JEDEC Method)
150
Forward Voltage
@IF=3.0A
1.3
Peak Reverse Current
@TA=25
5.0
At Rated DC Blocking Voltage @TA=100
100
Typical Junction Capacitance (Note 1)
65
40
Typical Thermal Resistance Junction to
Ambient(Note 2)
25
Maximum Reverse Recovery Time(Note 3)
150
500
Operating Temperature Range
-55 to +125
Storage Temperature Range
-55 to +150
Note:1. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
2. Leads maintained at ambient temperature at a distance of 9.5mm from the case
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
version:01
1of2
www.dyelec.com
IR
uA
TSTG
.0 AMP.Fast Recovery Rectifiers
Plastic material-UL
94V-0
·
flammability
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)


Similar Part No. - FR305U

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR305 SY-FR305 Datasheet
260Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
FR305 WTE-FR305 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
FR305 PACELEADER-FR305 Datasheet
469Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
logo
Leshan Radio Company
FR305 LRC-FR305 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
Shenzhen Taychipst Elec...
FR305 TAYCHIPST-FR305 Datasheet
812Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - FR305U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
FR301 DYELEC-FR301 Datasheet
496Kb / 2P
   3 .0 AMP.Fast Recovery Rectifiers
FR601 DYELEC-FR601 Datasheet
558Kb / 2P
   .0 AMP.Fast Recovery Rectifiers
FR101 DYELEC-FR101 Datasheet
594Kb / 2P
   1.0 AMP.Fast Recovery Rectifiers
1N4933 DYELEC-1N4933 Datasheet
912Kb / 2P
   1.0 AMP.Fast Recovery Rectifiers
FR301G DYELEC-FR301G Datasheet
531Kb / 2P
   3 .0 AMP F ast Rectifiers Recovery G lass
FR301GU DYELEC-FR301GU Datasheet
536Kb / 2P
   3 .0 AMP F ast Rectifiers Recovery G lass
HER301 DYELEC-HER301 Datasheet
514Kb / 2P
   3 .0 AMP. High Efficient Rectifiers
1N5400GU DYELEC-1N5400GU Datasheet
548Kb / 2P
   3 .0 AMPS. Glass Passivated Rectifiers
1N5400U DYELEC-1N5400U Datasheet
561Kb / 2P
   3 .0 AMP. Silicon Rectifiers Plastic
SF31 DYELEC-SF31 Datasheet
557Kb / 2P
   3 .0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com