Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR301U Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # FR301U
Description  3 .0 AMP.Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

FR301U Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  FR301U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. FR301U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FR301U THRU FR307U
version:01
2of2
www.dyelec.com
2
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (
)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. -TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (V)
TA = 25
°C
PULSE WIDTH 300us
0.1
1.0
0.01
10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
C
°
4
3
FIG.
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
100
50
0
150
200
2
5
10
20
50
100
FIG.
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
1
1000
100
10
4
10
100
FR301A - FR304A
FR305A - FR307A
TJ = 25
°C f = 1 MHz


Similar Part No. - FR301U

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR301 SY-FR301 Datasheet
260Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Guangdong Juxing Electr...
FR301 JUXING-FR301 Datasheet
675Kb / 2P
   Fast Recovery Rectifiers
logo
Leshan Radio Company
FR301 LRC-FR301 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
342Kb / 3P
   Fast Recovery Recitifiers
More results

Similar Description - FR301U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
FR301 DYELEC-FR301 Datasheet
496Kb / 2P
   3 .0 AMP.Fast Recovery Rectifiers
FR601 DYELEC-FR601 Datasheet
558Kb / 2P
   .0 AMP.Fast Recovery Rectifiers
FR101 DYELEC-FR101 Datasheet
594Kb / 2P
   1.0 AMP.Fast Recovery Rectifiers
1N4933 DYELEC-1N4933 Datasheet
912Kb / 2P
   1.0 AMP.Fast Recovery Rectifiers
FR301G DYELEC-FR301G Datasheet
531Kb / 2P
   3 .0 AMP F ast Rectifiers Recovery G lass
FR301GU DYELEC-FR301GU Datasheet
536Kb / 2P
   3 .0 AMP F ast Rectifiers Recovery G lass
HER301 DYELEC-HER301 Datasheet
514Kb / 2P
   3 .0 AMP. High Efficient Rectifiers
1N5400GU DYELEC-1N5400GU Datasheet
548Kb / 2P
   3 .0 AMPS. Glass Passivated Rectifiers
1N5400U DYELEC-1N5400U Datasheet
561Kb / 2P
   3 .0 AMP. Silicon Rectifiers Plastic
SF31 DYELEC-SF31 Datasheet
557Kb / 2P
   3 .0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com