Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW65R190CFD Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPW65R190CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R190CFD Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPW65R190CFD Datasheet HTML 2Page - Infineon Technologies AG IPW65R190CFD Datasheet HTML 3Page - Infineon Technologies AG IPW65R190CFD Datasheet HTML 4Page - Infineon Technologies AG IPW65R190CFD Datasheet HTML 5Page - Infineon Technologies AG IPW65R190CFD Datasheet HTML 6Page - Infineon Technologies AG IPW65R190CFD Datasheet HTML 7Page - Infineon Technologies AG IPW65R190CFD Datasheet HTML 8Page - Infineon Technologies AG IPW65R190CFD Datasheet HTML 9Page - Infineon Technologies AG IPW65R190CFD Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
! +
"#$
, ! - "#$
, !
"#$
! . "#$
, ! ! "#$
)
0
&
! G 2H/
11 &
I 1 1- < E 9
1
"
&
!
!
!
"
#
$
%
1& < D
=9&I
&
+
`aRb
2
S G
0 G
3
A
1 & 9 &
+
S `Wdb
B 2
5
5 2
G S
0 G
3
i & +
&
+ 9
<
0
63
G 2
S G
! G 2H/
G 2
S G
! G 2 H/
A
1& <
= + <
0 S
3
S G
G
1& < & 1
1 1
<
`Xjb
)
S G
0 G
B3
! G 2H/
552
S G
0 G
B3
! G 2 H/
A
1 1
<
S
)
E G >FU &-
9
*
&
!
!
!
"
#
$
%
0 -
< - <
<
/kOO
.2
-
S G
G
E G >FU
; -
< - <
<
/XOO
.
-
4EE <
& -
< - <
<
+,
9 '
/X`Plb
-
S G
G
5
4EE <
& -
< - <
<
9 '
/X`Wlb
BB
-
0 G <& 1
S G
G
5
& 9
,
f`Xjb
1
G 5
S G B
0 G
3
S G B 5)
1
l
. 5
1
&EE 9
,
f`X]]b
2B
1
]
5
1
2
3
&
&
!
!
!
"
#
$
%
A
& 1& < <
+
*YO
/
G 5.
0 G
3
S G
&
A
& 9
<
+
*Yf
B
/
A
<
+
&
*Y
.
/
A
-
&
+
LN#WP#M
5
' /X`Plb 1
E ( 9 < - <
<
+
1
1
1 & 9
+, 1 /XOO I
1 1 + E &
& 5
' /X`Wlb 1
E ( 9 < - <
<
+
1
1
<
+ +
1 /XOO I
1 1 + E &
& 5


Similar Part No. - IPW65R190CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW65R190CFD INFINEON-IPW65R190CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
logo
Inchange Semiconductor ...
IPW65R190CFD ISC-IPW65R190CFD Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW65R190CFD7A INFINEON-IPW65R190CFD7A Datasheet
1Mb / 14P
   650V CoolMOS짧 CFD7A SJ Power Device
Rev.2.0,2020-08-27
IPW65R190CFDA INFINEON-IPW65R190CFDA Datasheet
2Mb / 16P
   Metal Oxide Semiconductor Field Effect Transistor
2012-07-12 revision 2.0
More results

Similar Description - IPW65R190CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com