Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI65R420CFD Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPI65R420CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI65R420CFD Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPI65R420CFD Datasheet HTML 6Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 7Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 8Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 9Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 10Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 11Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 12Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 13Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
C
! *
"#
+ ! , "#
+ !
"#
! - "#
+ !
"#
+ ! ! "#
4
)
,- % -
=
=
2 =2
c G /H0
,- % -
=
=
2 =2
c G /H0
,- % -
=
=
2 =2
c G /H0
,- % -
=
=
2 =2
c G /H0
n o
n o
n o
n o
C
C
C
C
A
A
5
/ /
/
( /
1 GE$
&p cG / H0p -
q c
,- % -
=
=
2 =2
c G
/H0
,- % -
=
=
2 =2
c G
/H0
,- % -
=
=
2 =2
c G
/H0
,- % -
=
=
2 =2
c G
/H0
n o
n o
n o
n o
C
C
#
B
C
C
C#
C
CB
5
/ /
/
( /
1 GE$
&p cG
/ H0p -
q B
/
,- 9
2%
= %
2
2 2
=
,- 9
2%
= %
2
2 2
=
,- 9
2%
= %
2
2 2
=
,- 9
2%
= %
2
2 2
=
1111
n3o
n3o
n3o
n3o
#
B
C
C
&
&
C&
C&
&
/
/ /
/
$% &GE$1
&p cG
/ H0p -
q B
2%
= %
2
2 2
=
2%
= %
2
2 2
=
2%
= %
2
2 2
=
2%
= %
2
2 2
=
cccc nH0o
nH0o
nH0o
nH0o
.
.
C
C#
CB
&
&
&#
&
&B
C&
C&
;5r
,-
$% &GE$ c&p 1
G. ( 3p B G
Rev. 2.5, 2013-07-31


Similar Part No. - IPI65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI65R420CFD INFINEON-IPI65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
logo
Inchange Semiconductor ...
IPI65R420CFD ISC-IPI65R420CFD Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPI65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com