Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPC9350 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MPC9350
Description  LOW VOLTAGE PLL CLOCK DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MPC9350 Datasheet(HTML) 5 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC9350
TIMING SOLUTIONS
5
MOTOROLA
DC CHARACTERISTICS (VCC = 2.5V ± 5%, TA = –40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
-0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH=-15 mAa
VOL
Output Low Voltage
0.6
V
IOL= 15 mA
ZOUT
Output impedance
17 - 20
W
IIN
Input Current
200
µA
VIN = 0V or VIN = VCC
CIN
Input capacitance
4.0
pF
CPD
Power Dissipation Capacitance
10
pF
Per Output
ICCA
Maximum PLL Supply Current
10
mA
VCCA Pin
ICC
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins
VTT
Output termination voltage
VCC÷2
V
a.
The MPC9350 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated transmission
line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines per output.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC932LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC990LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC992LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
IDT5V9351LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
MPC958LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC93R51LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
PI6C2952Low Voltage PLL Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
MPC950LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC952LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC953LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn