Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5028 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBI5028
Description  16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5028 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBI5028 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MBI5028
16-bit Constant Current LED Sink Driver with Gain Control
April 2003, V0.8-4
- 2 -
Product Description
MBI5028 succeeds MBI5026 and is designed for LED displays with Gain Control extension.
MBI5028 exploits PrecisionDrive™ technology to enhance its output characteristics. MBI5028
contains a serial buffer and data latches, which convert serial input data into parallel output
format. At MBI5028 output stage, sixteen regulated current ports are designed to provide
constant current sinks for driving LEDs within a wide range of Vf variations.
MBI5028 provides users with great flexibility and device performance while using MBI5028 in
their LED panel system design. Users may adjust the output current from 5 mA to 90 mA
through an external resistor Rext, which gives users flexibility in controlling the light intensity of
LEDs. MBI5028 guarantees to endure maximum 17V at the output port. The high clock
frequency, 25 MHz, also satisfies the system requirements of high volume data transmission.
MBI5028 also exploits Share-I-O™ technology and is backward compatible with MBI5026 in
both electrical characteristics and package aspect. To utilize the Current Adjust feature with
Share-I-O™ technology, users may not need to change the printed circuit board originally for
MBI5026. To enter a special function mode- Current Adjust mode, users just need to set a
sequence of signals on LE(CA1),
OE (CA2) and CLK input pins. Normally, the output current
can be regulated only through an external resistor. In addition, in the Current Adjust mode, the
output current can be software-programmable by a system controller. The system controller
adjusts the output current by sending a 7-bit Current Adjust code to 16-bit Configuration Latch
through MBI5028 SDI pin. The code will be latched and effective to control the output current
regulator. A fine adjustment of the output current could be achieved by a gain ranging from 0.5
to 2 with 128 fine steps. By setting another sequence of signals on LE(CA1),
OE (CA2) and
CLK input pins, MBI5028 may resume to a Normal mode and perform as MBI5026. The Shift
Register, with SDI, SDO, and CLK, carries the image data as usual.
A Share-I-O™ technique is specifically applied to MBI5028. By means of the Share-I-O™
technique, an additionally effective function, Current Gain, can be added to LED drivers,
however, without any extra pins. Thus, MBI5028 could be a drop-in replacement of MBI5026.
The printed circuit board originally designed for MBI5026 may be also applicable for MBI5028.
For MBI5028, the pin 4, LE(CA1), and the pin 21, OE (CA2), can be acted as different functions
as follows:
Pin
Device Name
MBI5028
Function Description of Pin 4
LE + Current Adjust (CA1)
Function Description of Pin 21
OE + Current Adjust (CA2)


Similar Part No. - MBI5028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5024 ETC1-MBI5024 Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GF ETC1-MBI5024GF Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GP ETC1-MBI5024GP Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GPA ETC1-MBI5024GPA Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5170 ETC1-MBI5170 Datasheet
400Kb / 24P
   8-Bit Constant Current LED Sink Driver with Gain Control
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com