Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5028 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # MBI5028
Description  16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5028 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button MBI5028 Datasheet HTML 16Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 17Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 18Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 19Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 20Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 21Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 22Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 23Page - List of Unclassifed Manufacturers MBI5028 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
MBI5028
16-bit Constant Current LED Sink Driver with Gain Control
April 2003, V0.8-4
- 23 -
Package Outlines
MBI5028CNS Outline Drawing
MBI5028CF Outline Drawing
SDIP-24-P-300-1.78
Units: mm
Weight: 1.11g (typ)
SOP-24-P-300-1.00
Units: mm
Weight: 0.28g (typ)


Similar Part No. - MBI5028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5024 ETC1-MBI5024 Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GF ETC1-MBI5024GF Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GP ETC1-MBI5024GP Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GPA ETC1-MBI5024GPA Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5170 ETC1-MBI5170 Datasheet
400Kb / 24P
   8-Bit Constant Current LED Sink Driver with Gain Control
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com