Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5027CF Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MBI5027CF
Description  16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5027CF Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MBI5027CF Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5027CF Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5027CF Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5027CF Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5027CF Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5027CF Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI5027CF Datasheet HTML 11Page - List of Unclassifed Manufacturers MBI5027CF Datasheet HTML 12Page - List of Unclassifed Manufacturers MBI5027CF Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MBI5027
16-bit Constant Current LED Sink Driver with Error Detection
April 2003, V0.8-4
- 9 -
Electrical Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” level
VIH
Ta = -40~85ºC
0.8VDD
-
VDD
V
Input
Voltage
“L” level
VIL
Ta = -40~85ºC
GND
-
0.3VDD
V
Output Leakage Current
IOH
VOH=17.0V
-
-
0.5
μA
VOL
IOL=+1.0mA
-
-
0.4
V
Output
Voltage
SDO
VOH
IOH=-1.0mA
4.6
-
-
V
Output Current 1
IOUT1
VDS=0.6V
Rext=720 Ω
-
25.0
-
mA
Current Skew
dIOUT1
IOL=25mA
VDS=0.6V
Rext=720 Ω
-
±1
±3
%
Output Current 2
IOUT2
VDS=0.8V
Rext=360 Ω
-
50.0
-
mA
Current Skew
dIOUT2
IOL=50mA
VDS=0.8V
Rext=360 Ω
-
±1
±3
%
Output Current vs.
Output Voltage Regulation
%/dVDS
VDS within 1.0V and 3.0V
-
±0.1
-
% / V
Output Current vs.
Supply Voltage Regulation
%/dVDD
VDD within 4.5V and 5.5V
-
±1
-
% / V
Pull-up Resistor
RIN(up)
OE (ED2)
250
500
800
Pull-down Resistor
RIN(down)
LE(ED1)
250
500
800
VDS, Th1
When all output ports sink 20mA
simultaneously
1.0
-
-
V
VDS, Th2
When a single output port sinks
20mA
0.8
-
-
V
VDS, Th3
When all output ports sink 50mA
simultaneously
1.2
-
-
V
Open Circuit Error***
Discrimination Voltage
VDS, Th4
When a single output port sinks
50mA
1.0
-
-
V
IDD(off) 1
Rext=Open, OUT0 ~ OUT15 =Off
-
9
-
IDD(off) 2
Rext=720 Ω, OUT0 ~ OUT15 =Off
-
11
-
“OFF”
IDD(off) 3
Rext=360 Ω, OUT0 ~ OUT15 =Off
-
14
-
IDD(on) 1
Rext=720 Ω, OUT0 ~ OUT15 =On
-
11
-
Supply
Current
“ON”
IDD(on) 2
Rext=360 Ω, OUT0 ~ OUT15 =On
-
14
-
mA
***
To effectively detect the error occurring at the output port, MBI5027 has a built-in current detection
circuit. The current detection circuit will detect the effective current IOUT, effective, and compare the effective
current IOUT, effective, to the target current IOUT, target, defined by Rext. If IOUT, effective, is much less than the
target current IOUT, target, an error flag will be asserted in the built-in Shift Register. The minimum voltage
requirement for such current detection is VDS, Th1, VDS, Th2, VDS, Th3 and VDS, Th4.


Similar Part No. - MBI5027CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5024 ETC1-MBI5024 Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GF ETC1-MBI5024GF Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GP ETC1-MBI5024GP Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5024GPA ETC1-MBI5024GPA Datasheet
263Kb / 18P
   16 constant-current output channels Staggered delay of output
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5027CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DP05 STMICROELECTRONICS-STP16DP05_08 Datasheet
671Kb / 29P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED Sink driver with outputs error detection
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
STMicroelectronics
STP16DPPS05 STMICROELECTRONICS-STP16DPPS05 Datasheet
666Kb / 35P
   Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com