Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTDRSP-1500-48 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

Part # XTDRSP-1500-48
Description  DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

XTDRSP-1500-48 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  XTDRSP-1500-48 Datasheet HTML 1Page - Technology Dynamics Inc. XTDRSP-1500-48 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: 125VDC (120-132VDC)
Inrush Current: 40A max @ 1/2 cycle
Efficiency: 85% typical (depending on output model)
Hold-up time: 16ms at full load (minimum)
Operating Temperature: 0°C to +50°C Derate to 50% @ 70°C
Storage Temperature: -40°C to +85°C max
Cooling: Internal ball bearing DC fan
Humidity: 20-90% RH non condensing
Vibration: 10-500Hz, 2G 10min/1cycle for 60 min (3 axes)
Shock: 20G Peak Acceleration
Weight: Approx: 5.73lbs
Size: 11” x 5” x 3.3”
The XTDRSP series 1500W DC-DC Converter
provides highly regulated output power from
1500 watts. Rugged construction and superior
quality make this DC-DC Converter ideal for
harsh environment applications. Available in
standard,
modified
or
fully
custom
configurations, for industrial, commercial,
COTS, Ruggedized and Military applications.
OUTPUT SPECIFICATIONS
Adjustment Range: -5/+10% (minimum)
Minimum Load: none
Regulation: Line ±1% (except 5V=±2.5%) line load and temperature
Ripple/Noise: 150 -200mV peak to peak maximum (20 MHz)
Set Point Accuracy: ±1%(except 5V=±2%) (maximum)
Output voltage adj: -5/+10% minimum
Overcurrent Protection: 105-135% automatic recovery
Overlvoltage Protection: 115-150% of V1 nominal
RUGGED, HIGH POWER
11” x 5” x 3.3”
XTDRSP-1500 SERIES
1500 WATT SINGLE OUTPUT
DC-DC CONVERTER
AS 9100
CertificateNo:US008267-1
STANDARD FEATURES
APPLICATIONS
Full Range Input
Low Noise and Ripple
Built In DC Fan for Cooling
Current Share Function
DC Good Signals
Remote On/Off & Remote Sense Functions
Rugged Construction
High Reliability/Superior Quality
Hot Swap
Parallel Operation
ORing Diode for Redundant Operation
Rack / Panel Mount
Ruggedized for Shock & Vibration
Conformal Coating
SAFETY AND EMISIONS
Designed to meet UL/cUL60950-1
Designed to meet TUV EN60950-1
Designed to meet EN55022 (Class A)
Designed to meet EN5024
Designed to meet EN61000-3-2-3
SPECIFICATIONS
INPUT SPECIFICATIONS:
GG
DC CONVERTER
SPECIFICATIONS
GED, HIGH POWER
11” x 5” x 3.3”
DC CONVERTER


Similar Part No. - XTDRSP-1500-48

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-48 TAB-XTDRSP-1500-48 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - XTDRSP-1500-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com