Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763CS8-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1763CS8-5
Description  500mA, Low Noise, LDO Micropower Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8-5 Datasheet(HTML) 3 Page - Linear Technology

  LT1763CS8-5 Datasheet HTML 1Page - Linear Technology LT1763CS8-5 Datasheet HTML 2Page - Linear Technology LT1763CS8-5 Datasheet HTML 3Page - Linear Technology LT1763CS8-5 Datasheet HTML 4Page - Linear Technology LT1763CS8-5 Datasheet HTML 5Page - Linear Technology LT1763CS8-5 Datasheet HTML 6Page - Linear Technology LT1763CS8-5 Datasheet HTML 7Page - Linear Technology LT1763CS8-5 Datasheet HTML 8Page - Linear Technology LT1763CS8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1763 Series
1763fa
Load Regulation
LT1763-3
VIN = 4V, ∆ILOAD = 1mA to 500mA
7
15
mV
VIN = 4V, ∆ILOAD = 1mA to 500mA
q
30
mV
LT1763-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 500mA
7
17
mV
VIN = 4.3V, ∆ILOAD = 1mA to 500mA
q
33
mV
LT1763-5
VIN = 6V, ∆ILOAD = 1mA to 500mA
12
25
mV
VIN = 6V, ∆ILOAD = 1mA to 500mA
q
50
mV
LT1763 (Note 3)
VIN = 2.3V, ∆ILOAD = 1mA to 500mA
2
6
mV
VIN = 2.3V, ∆ILOAD = 1mA to 500mA
q
12
mV
Dropout Voltage
ILOAD = 10mA
0.13
0.19
V
VIN = VOUT(NOMINAL)
ILOAD = 10mA
q
0.25
V
(Notes 5, 6, 11)
ILOAD = 50mA
0.17
0.22
V
ILOAD = 50mA
q
0.32
V
ILOAD = 100mA
0.20
0.24
V
ILOAD = 100mA
q
0.34
V
ILOAD = 500mA
0.30
0.35
V
ILOAD = 500mA
q
0.45
V
GND Pin Current
ILOAD = 0mA
q
30
75
µA
VIN = VOUT(NOMINAL)
ILOAD = 1mA
q
65
120
µA
(Notes 5, 7)
ILOAD = 50mA
q
1.1
1.6
mA
ILOAD = 100mA
q
23
mA
ILOAD = 250mA
q
58
mA
ILOAD = 500mA
q
11
16
mA
Output Voltage Noise
COUT = 10µF, CBYP = 0.01µF, ILOAD = 500mA, BW = 10Hz to 100kHz
20
µVRMS
ADJ Pin Bias Current
(Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
q
0.8
2
V
VOUT = On to Off
q
0.25
0.65
V
SHDN Pin Current
VSHDN = 0V
0.1
µA
(Note 9)
VSHDN = 20V
1
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.1
1
µA
Ripple Rejection
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
50
65
dB
ILOAD = 500mA
Current Limit
VIN = 7V, VOUT = 0V
700
mA
VIN = VOUT(NOMINAL) + 1V, ∆VOUT = – 0.1V
q
520
mA
Input Reverse Leakage Current
VIN = – 20V, VOUT = 0V
q
1mA
Reverse Output Current
LT1763-1.5
VOUT = 1.5V, VIN < 1.5V
10
20
µA
(Note 10)
LT1763-1.8
VOUT = 1.8V, VIN < 1.8V
10
20
µA
LT1763-2.5
VOUT = 2.5V, VIN < 2.5V
10
20
µA
LT1763-3
VOUT = 3V, VIN < 3V
10
20
µA
LT1763-3.3
VOUT = 3.3V, VIN < 3.3V
10
20
µA
LT1763-5
VOUT = 5V, VIN < 5V
10
20
µA
LT1763 (Note 3)
VOUT = 1.22V, VIN < 1.22V
5
10
µA
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: To satisfy requirements for minimum input voltage, the LT1763
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 250k resistors) for an output voltage of
2.44V. The external resistor divider will add a 5
µA DC load on the output.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1763 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT1763 is 100% tested at TA = 25°C.
Performance at – 40
°C and 125°C is assured by design, characterization
and correlation with statistical process controls.
Note 3: The LT1763 (adjustable version) is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for


Similar Part No. - LT1763CS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763CS8-5 LINER-LT1763CS8-5 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-5 LINER-LT1763CS8-5 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-5-PBF LINER-LT1763CS8-5-PBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-5-TR LINER-LT1763CS8-5-TR Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-5-TRPBF LINER-LT1763CS8-5-TRPBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763CS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com