Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCL10-401 Datasheet(PDF) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # FCL10-401
Description  Flat Type Chip Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

FCL10-401 Datasheet(HTML) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  FCL10-401 Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD FCL10-401 Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD FCL10-401 Datasheet HTML 3Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD FCL10-401 Datasheet HTML 4Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD FCL10-401 Datasheet HTML 5Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Marking
Marking
Marking
Marking
C
D
E
F
G
H
K
L
M
N
P
R
14
S
U
X
Y
Z
3
4
5
201
251
321
401
501
631
801
102
132
142
162
202
252
322
402
502
[Structure] 
[Structure] 
[Structure] 
[Structure] 
No.
1
2
3
4
5
6
7
8
9
10
[Power rating]
[Power rating]
[Power rating]
[Power rating]
* Design・specification are subject to change without prior notice. Please check before purchase and use.
Protective coat
Protective coat
Protective coat
Protective coat
Marking
Marking
Marking
Marking
Side electrode
Side electrode
Side electrode
Side electrode
Ni plating
Ni plating
Ni plating
Ni plating
Sn plating
Sn plating
Sn plating
Sn plating
Element Name
Ceramic substrate
Ceramic substrate
Ceramic substrate
Ceramic substrate
Back electrode
Back electrode
Back electrode
Back electrode
Under coat
Under coat
Under coat
Under coat
Fuse element Ⅰ
Fuse element Ⅰ
Fuse element Ⅰ
Fuse element Ⅰ
Fuse element Ⅱ
Fuse element Ⅱ
Fuse element Ⅱ
Fuse element Ⅱ
FCL20-402
FCL20-402
FCL20-402
FCL20-402
4.000
17
FCL20-502
FCL20-502
FCL20-502
FCL20-502
5.000
12
FCL20-252
FCL20-252
FCL20-252
FCL20-252
2.500
35
FCL20-322
FCL20-322
FCL20-322
FCL20-322
3.150
25
32
FCL20-162
FCL20-162
FCL20-162
FCL20-162
1.600
58
FCL20-202
FCL20-202
FCL20-202
FCL20-202
2.000
42
FCL20-132
FCL20-132
FCL20-132
FCL20-132
1.250
95
FCL20-142
FCL20-142
FCL20-142
FCL20-142
1.400
90
FCL20-801
FCL20-801
FCL20-801
FCL20-801
0.800
135
FCL20-102
FCL20-102
FCL20-102
FCL20-102
1.000
115
FCL20-631
FCL20-631
FCL20-631
FCL20-631
FCL20-401
FCL20-401
FCL20-401
FCL20-401
0.400
530
FCL20-501
FCL20-501
FCL20-501
FCL20-501
0.500
320
-55℃~125℃
FCL20-251
FCL20-251
FCL20-251
FCL20-251
0.250
1250
FCL20-321
FCL20-321
FCL20-321
FCL20-321
0.315
FCL20-201
FCL20-201
FCL20-201
FCL20-201
0.200
1990
50
50
To be fused within 5
seconds when 200% of
rated current applied.
850
0.630
220
FCL16-402
FCL16-402
FCL16-402
FCL16-402
4.000
17
FCL16-502
FCL16-502
FCL16-502
FCL16-502
5.000
12
FCL16-302
FCL16-302
FCL16-302
FCL16-302
3.000
27
FCL16-322
FCL16-322
FCL16-322
FCL16-322
3.150
25
FCL16-202
FCL16-202
FCL16-202
FCL16-202
2.000
42
FCL16-252
FCL16-252
FCL16-252
FCL16-252
2.500
35
FCL16-152
FCL16-152
FCL16-152
FCL16-152
1.500
85
FCL16-162
FCL16-162
FCL16-162
FCL16-162
1.600
58
FCL16-132
FCL16-132
FCL16-132
FCL16-132
1.250
100
FCL16-142
FCL16-142
FCL16-142
FCL16-142
1.400
90
32
FCL16-751
FCL16-751
FCL16-751
FCL16-751
0.750
181
FCL16-801
FCL16-801
FCL16-801
FCL16-801
0.800
135
FCL16-102
FCL16-102
FCL16-102
FCL16-102
1.000
115
FCL16-501
FCL16-501
FCL16-501
FCL16-501
0.500
320
FCL16-631
FCL16-631
FCL16-631
FCL16-631
0.630
220
FCL16-381
FCL16-381
FCL16-381
FCL16-381
0.375
590
FCL16-401
FCL16-401
FCL16-401
FCL16-401
0.400
530
1350
FCL16-321
FCL16-321
FCL16-321
FCL16-321
0.315
850
FCL16-351
FCL16-351
FCL16-351
FCL16-351
0.350
650
Operating
Operating
Operating
Operating
temperature
temperature
temperature
temperature
range
range
range
range
FCL16-201
FCL16-201
FCL16-201
FCL16-201
0.200
1990
50
50
To be fused within 5
seconds when 200% of
rated current applied.
-55℃~125℃
FCL16-251
FCL16-251
FCL16-251
FCL16-251
0.250
Model No.
Model No.
Model No.
Model No.
Rated current
Rated current
Rated current
Rated current
(A)
(A)
(A)
(A)
Internal
Internal
Internal
Internal
resistance
resistance
resistance
resistance
(mΩ)Max
(mΩ)Max
(mΩ)Max
(mΩ)Max
Rated voltage
Rated voltage
Rated voltage
Rated voltage
(VDC)
(VDC)
(VDC)
(VDC)
Breaking
Breaking
Breaking
Breaking
current
current
current
current
(A)
(A)
(A)
(A)
Fusing performance
Fusing performance
Fusing performance
Fusing performance
1
2
3
4
5
6
7
8
9
10
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
■For fuse operated in ambient temperature above
For fuse operated in ambient temperature above
For fuse operated in ambient temperature above
For fuse operated in ambient temperature above 70
70
70
70℃, power rating must be derated in
℃, power rating must be derated in
℃, power rating must be derated in
℃, power rating must be derated in
accordance with the derating curve.
accordance with the derating curve.
accordance with the derating curve.
accordance with the derating curve.
0
20
40
60
80
100
Ambient temperature (℃)
FCL
-55
0
70
125


Similar Part No. - FCL10-401

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCL10-401B HOKURIKU-FCL10-401B Datasheet
181Kb / 2P
   Flat Type Chip Fuse
FCL10-401V HOKURIKU-FCL10-401V Datasheet
181Kb / 2P
   Flat Type Chip Fuse
More results

Similar Description - FCL10-401

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCL10-201V HOKURIKU-FCL10-201V Datasheet
181Kb / 2P
   Flat Type Chip Fuse
E011404 HOKURIKU-E011404 Datasheet
248Kb / 2P
   Flat Type Chip Fuse Resistor
FCR16 HOKURIKU-FCR16 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
logo
Littelfuse
203250 LITTELFUSE-203250 Datasheet
48Kb / 1P
   FLAT-PAK Slo-Blo Fuse
logo
HOKURIKU ELECTRIC INDUS...
E011401 HOKURIKU-E011401 Datasheet
170Kb / 1P
   Flat Type Low Resistance Chip Resistor
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
   wide terminal type flat chip resistors
WK73-RT KOA-WK73-RT Datasheet
318Kb / 2P
   wide terminal type flat chip resistors
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCF1N1TTE KOA-CCF1N1TTE Datasheet
381Kb / 2P
   chip fuse
CCF1N KOA-CCF1N Datasheet
214Kb / 2P
   chip fuse
12/12/17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com