Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5508ESC6 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC5508ESC6
Description  300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5508ESC6 Datasheet(HTML) 8 Page - Linear Technology

  LTC5508ESC6 Datasheet HTML 1Page - Linear Technology LTC5508ESC6 Datasheet HTML 2Page - Linear Technology LTC5508ESC6 Datasheet HTML 3Page - Linear Technology LTC5508ESC6 Datasheet HTML 4Page - Linear Technology LTC5508ESC6 Datasheet HTML 5Page - Linear Technology LTC5508ESC6 Datasheet HTML 6Page - Linear Technology LTC5508ESC6 Datasheet HTML 7Page - Linear Technology LTC5508ESC6 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC5508
8
5508fa
LT/TP REV A 0603 1K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2002
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
RF Power Controllers
LTC1757A
RF Power Controller
Single/Dual Band GSM/DCS/GPRS Mobile Phones
LTC1758
RF Power Controller
Single/Dual Band GSM/DCS/GPRS Mobile Phones
LTC1957
RF Power Controller
Single/Dual Band GSM/DCS/GPRS Mobile Phones
LTC4400
SOT-23 RF PA Controller
Single/Dual Band GSM/DCS/GPRS Phones, 45dB Dynamic Range, 450kHz Loop BW
LTC4401
SOT-23 RF PA Controller
Single/Dual Band GSM/DCS/GPRS Phones, 45dB Dynamic Range, 250kHz Loop BW
LT5500
1.8GHz to 2.7GHz RF Front End
Dual LNA gain Setting +13.5dB/–14dB at 2.5GHz, Double-Balanced Mixer,
1.8V
≤ VSUPPLY ≤ 5.25V
LT5502
400MHz Quadrature Demodulator with RSSI
1.8V to 5.25V Supply, 70MHz to 400MHz IF, 84dB Limiting Gain, 90dB RSSI Range
LT5503
1.2GHz to 2.7GHz Direct IQ Modulator and
1.8V to 5.25V Supply, Four-Step RF Power Control, 120MHz Modulation Bandwidth
Up Converting Mixer
LT5504
800MHz to 2.7GHz RF Measuring Receiver
80dB Dynamic Range, Temperature Compensated, 2.7V to 5.5V Supply
LTC5505
300MHz to 3.5GHz RF Power Detector
>40dB Dynamic Range, Temperature Compensated, 2.7V to 6V Supply
LT5506
500MHz Quadrature IF Demodulator with VGA
1.8V to 5.25V Supply, 40MHz to 500MHz IF, –4dB to 57dB Linear Power Gain
LTC5507
100kHz to 1GHz RF Power Detector
48dB Dynamic Range, Temperature Compensated, 2.7V to 6V Supply
LT5511
High Signal Level Up Converting Mixer
RF Output to 3GHz, 17dBm IIP3, Integrated LO Buffer
LT5512
High Signal Level Down Converting Mixer
DC-3GHz, 20dBm IIP3, Integrated LO Buffer
PACKAGE DESCRIPTIO
1.15 – 1.35
(NOTE 4)
1.80 – 2.40
0.15 – 0.30
6 PLCS (NOTE 3)
0.10 – 0.18
(NOTE 3)
SC6 SC70 0802
1.80 – 2.20
(NOTE 4)
0.65 BSC
PIN 1
0.80 – 1.00
1.00 MAX
0.00 – 0.10
REF
0.10 – 0.40
0.10 – 0.30
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. DETAILS OF THE PIN 1 INDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE INDEX AREA
7. EIAJ PACKAGE REFERENCE IS EIAJ SC-70
3.26 MAX
0.47
MAX
0.65
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
0.96 MIN
2.1 REF
1.16 REF
INDEX AREA
(NOTE 6)
SC6 Package
6-Lead Plastic SC70
(Reference LTC DWG # 05-08-1638)


Similar Part No. - LTC5508ESC6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5508 LINER-LTC5508 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5508 LINER-LTC5508 Datasheet
151Kb / 12P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5508 LINER-LTC5508 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5508 LINER-LTC5508 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results

Similar Description - LTC5508ESC6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
LTC5509 LINER-LTC5509_15 Datasheet
188Kb / 8P
   300MHz to 3GHz RF Power Detector in SC70 Package
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com