Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PET1300-12-0540A Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # PET1300-12-0540A
Description  Parallel operation with active current sharing
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PET1300-12-0540A Datasheet(HTML) 4 Page - Bel Fuse Inc.

  PET1300-12-0540A Datasheet HTML 1Page - Bel Fuse Inc. PET1300-12-0540A Datasheet HTML 2Page - Bel Fuse Inc. PET1300-12-0540A Datasheet HTML 3Page - Bel Fuse Inc. PET1300-12-0540A Datasheet HTML 4Page - Bel Fuse Inc. PET1300-12-0540A Datasheet HTML 5Page - Bel Fuse Inc. PET1300-12-0540A Datasheet HTML 6Page - Bel Fuse Inc. PET1300-12-0540A Datasheet HTML 7Page - Bel Fuse Inc. PET1300-12-0540A Datasheet HTML 8Page - Bel Fuse Inc. PET1300-12-0540A Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PET1300-12-054xA Series
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
belpowersolutions.com
BCD.00420_AE
Figure 4 - Efficiency Measurement Curve
General Condition:
Ta = 0 … +60 °C unless otherwise noted.
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Main Output V1
V1 nom
Nominal Output Voltage
0.5
∙I1 nom, Tamb = 25 °C
12.0
VDC
V1 set
Output Setpoint Accuracy
-0.5
+0.5
% V1 nom
dV1 tot
Total Regulation
Vi min to Vi max, 0 to 100% I1 nom, Ta min to Ta max
-3
+3
% V1 nom
P1 nom
Nominal Output Power
V1 = 12 VDC
1296
W
I1 nom
Nominal Output Current
V1 = 12 VDC, Vin >= 108 VAC
108
ADC
v1 pp
Output Ripple Voltage
V1 nom, I1 nom, 20 MHz BW
180
mVpp
dV1 Load
Load Regulation
Vi = Vi nom, 0 - 100% I1 nom
60
mV
dV1 Line
Line Regulation
Vi =Vi min…Vi max
20
mV
dIshare
Current Sharing
(abs (I1-I2 ),
between any two units in parallel)
when Bus load
≥ 27 A
4.5
A
when Bus load < 27 A
5.6
A
dVdyn
Dynamic Load Regulation
Iout:10%--60% of full load; 50%--100% of full load
dI1/dt = 1A/
μs, recovery within 1% of V1 nom
-0.6
0.6
V
Trec
Recovery Time
0.5
1
mS
tAC V1
Start-up Time from AC
2
sec
tV1 rise
Rise Time
V1 = 10…90% V1 nom
3
mS
CLoad
Capacitive Loading
Ta = 25 °C
11000
μF
Standby Output VSB
VSB nom
Nominal Output Voltage
0.5
∙ISB nom, Tamb = 25 °C
3.3
VDC
VSB set
Output Setpoint Accuracy
-1
+1
%V1nom
dVSB tot
Total Regulation
Vi min to Vi max, 0 to 100% ISB nom, Ta min to Ta max
-1.5
+1.5
%VSBnom
PSB nom
Nominal Output Power
VSB = 3.3 VDC , normal airflow
10
W
ISB nom
Nominal Output Current
VSB = 3.3 VDC, normal airflow
3
ADC
VSB pp
Output Ripple Voltage
VSB nom, ISB nom, 20 MHz BW (See Section 5.1)
45
mVpp
dVSB
Droop
0 - 100% ISB nom
67
mV
dVSBdyn
Dynamic Load Regulation
ΔISB = 50% ISB nom, ISB = 5 … 100% ISB nom,
dIo/dt = 0.5 A/
μs, recovery within 1% of V1 nom
-3
3
%VSBnom
Trec
Recovery Time
250
μs
tAC VSB
Start-up Time from AC
3
sec
tVSB rise
Rise Time
VSB = 10…90% VSB nom
4
20
mS
CLoad
Capacitive Loading
Tamb = 25 °C
1000
μF


Similar Part No. - PET1300-12-0540A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PET1300-12-054NA BEL-PET1300-12-054NA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054RA BEL-PET1300-12-054RA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054XA BEL-PET1300-12-054XA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
More results

Similar Description - PET1300-12-0540A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3740-00 VICOR-PI3740-00 Datasheet
1Mb / 48P
   Parallel capable with single wire current sharing
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Artesyn Technologies
LPS250 ARTESYN-LPS250 Datasheet
492Kb / 3P
   Single wire current sharing
logo
Interpoint Corporation ...
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
logo
Artesyn Technologies
NTS350 ARTESYN-NTS350 Datasheet
891Kb / 5P
   Single wire current sharing
logo
Total Power Internation...
TPAC400 TOTAL-POWER-TPAC400 Datasheet
405Kb / 2P
   THIRD-WIRE CURRENT SHARING
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
[Old version datasheet]   Modular Current Sharing Controller
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
   Modular Current Sharing Controller
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com