Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCR16 Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # PCR16
Description  Surge Current Type High Power Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

PCR16 Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  PCR16 Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD PCR16 Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[Model No.]
PCR**
[Features]
[Dimensions]
[Specification]
※Operating temperature range : -55~+155℃
[Structure]
No.
1
2
3
4
5
6
7
8
9
* Design・specification are subject to change without prior notice. Please check before purchase and use.
Side electrode
Ni plating
Sn plating
Back electrode
Top electrode
Resistive element
Protective coat Ⅰ
Protective coat Ⅱ
200V
10~1M
150V
Element Name
Ceramic substrate
PCR20
0.43
Max. Working voltage
Range (Ω)
TCR(ppm/℃)
Rated power(W)
J(±5.0%)
F(±1.0%)
±100
Max. Overload voltage
200V
PCR16
0.30
10~1M
150V
Model No.
Tolerance
PCR20
2.00+0.20/-0.10 1.25+0.20/-0.10 0.50+0.15/-0.05
0.40±0.20
0.40±0.20
0.50+0.15/-0.05
0.25±0.20
0.25±0.20
PCR16
1.60±0.15
0.80+0.20/-0.10
(Unit:mm)
Model No.
L
W
t
c
d
D(±0.5%)
±200
F(±1.0%)
±100
D(±0.5%)
J(±5.0%)
±200
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
2
3
4
6
5
8
1
9
7
Surge Current Type High Power Chip Resistor
c
d
excellent surge/pulse
original elements, structure utilized
HDK
chip resistor.
durability,
is possible.
rating guarantee
Industry highest
Since 0.30W is guaranteed with 1608 size
and 0.50W is guaranteed with 2012 size,
reduction of parts count (man-hour control) and VA by size-down
(reduction of parts cost and mounting area) is possible.
solderings are applicable.
Reflow, Flow


Similar Part No. - PCR16

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
PCR16-103JB HOKURIKU-PCR16-103JB Datasheet
212Kb / 2P
   High Power Type Chip Resistor
PCR16-103JV HOKURIKU-PCR16-103JV Datasheet
212Kb / 2P
   High Power Type Chip Resistor
logo
GOOD-ARK Electronics
PCR160 GOOD-ARK-PCR160 Datasheet
150Kb / 2P
   Peak Clamp Rectifiers
More results

Similar Description - PCR16

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011409 HOKURIKU-E011409 Datasheet
227Kb / 2P
   Surge Current Chip Resistor
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
   High Power Anti-Surge Chip Resistor
logo
KOA Speer Electronics, ...
SG731JT KOA-SG731JT Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73 KOA-SG73_11 Datasheet
246Kb / 2P
   surge current thick film chip resistor
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
   surge current thick film chip resistor
SG732ATTD121K KOA-SG732ATTD121K Datasheet
240Kb / 2P
   surge current thick film chip resistor
SG732BTTD102K KOA-SG732BTTD102K Datasheet
252Kb / 2P
   surge current thick film chip resistor
SG731JTTD100K KOA-SG731JTTD100K Datasheet
252Kb / 2P
   surge current thick film chip resistor
SG73 KOA-SG73 Datasheet
500Kb / 3P
   surge current thick film chip resistor
logo
HOKURIKU ELECTRIC INDUS...
PCR16-103JV HOKURIKU-PCR16-103JV Datasheet
212Kb / 2P
   High Power Type Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com