Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41695C7627Q001 Datasheet(PDF) 8 Page - TDK Electronics

Part # B41695C7627Q001
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41695C7627Q001 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41695C7627Q001 Datasheet HTML 4Page - TDK Electronics B41695C7627Q001 Datasheet HTML 5Page - TDK Electronics B41695C7627Q001 Datasheet HTML 6Page - TDK Electronics B41695C7627Q001 Datasheet HTML 7Page - TDK Electronics B41695C7627Q001 Datasheet HTML 8Page - TDK Electronics B41695C7627Q001 Datasheet HTML 9Page - TDK Electronics B41695C7627Q001 Datasheet HTML 10Page - TDK Electronics B41695C7627Q001 Datasheet HTML 11Page - TDK Electronics B41695C7627Q001 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical data
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
VR = 25 V DC
1100
12
× 30
219
2450
164
160
3.4
2.5
1.7
0.8
1300
14
× 25
193
2060
146
142
3.4
2.6
1.7
0.9
2400
18
× 25
104
1120
79
76
5.3
4.0
2.7
1.3
2500
16
× 30
108
1080
83
81
5.0
3.7
2.5
1.2
3300
18
× 30
77
820
58
56
6.7
5.0
3.4
1.7
3600
16
× 39
76
750
59
57
6.7
5.0
3.4
1.7
4300
20
× 29
62
630
47
46
7.4
5.6
3.7
1.9
4700
18
× 39
54
570
41
40
9.0
6.8
4.5
2.3
7200
21
× 39
39
380
30
29
10.7
8.0
5.4
2.7
10000
21
× 49
29
270
22
22
13.7
10.3
6.9
3.4
VR = 40 V DC
620
12
× 30
243
2370
159
155
3.4
2.6
1.7
0.9
1000
14
× 30
158
1470
105
102
4.4
3.3
2.2
1.1
1400
16
× 30
120
1050
82
79
5.0
3.7
2.5
1.2
1800
16
× 35
95
820
65
63
6.0
4.5
3.0
1.5
1800
18
× 30
87
820
58
56
6.7
5.0
3.4
1.7
2000
16
× 39
85
740
58
56
6.7
5.0
3.4
1.7
2400
20
× 29
68
620
46
45
7.5
5.6
3.7
1.9
2600
18
× 39
61
570
41
40
9.1
6.8
4.5
2.3
3900
21
× 39
44
380
30
29
10.7
8.0
5.4
2.7
5100
21
× 49
34
290
23
23
13.6
10.2
6.8
3.4
B41695, B41795
Optimized CV value
up to 150
°C
Page 8 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41695C7627Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
458Kb / 17P
   Aluminum electrolytic capacitors
B41695 EPCOS-B41695 Datasheet
481Kb / 17P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41695 TDK-B41695 Datasheet
459Kb / 18P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
logo
EPCOS
B41695A0128Q007 EPCOS-B41695A0128Q007 Datasheet
481Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41695C7627Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com