Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41607B0168M00 Datasheet(PDF) 13 Page - TDK Electronics

Part # B41607B0168M00
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41607B0168M00 Datasheet(HTML) 13 Page - TDK Electronics

Back Button B41607B0168M00 Datasheet HTML 9Page - TDK Electronics B41607B0168M00 Datasheet HTML 10Page - TDK Electronics B41607B0168M00 Datasheet HTML 11Page - TDK Electronics B41607B0168M00 Datasheet HTML 12Page - TDK Electronics B41607B0168M00 Datasheet HTML 13Page - TDK Electronics B41607B0168M00 Datasheet HTML 14Page - TDK Electronics B41607B0168M00 Datasheet HTML 15Page - TDK Electronics B41607B0168M00 Datasheet HTML 16Page - TDK Electronics B41607B0168M00 Datasheet HTML 17Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Topic
Safety information
Reference
chapter "General
technical information"
Active
flammability
Avoid overload of the capacitors.
8.2
"Active flammability"
Maintenance
Make periodic inspections of the capacitors.
Before the inspection, make sure that the power
supply is turned off and carefully discharge the
electricity of the capacitors.
Do not apply excessive mechanical stress to the
capacitor terminals when mounting.
10
"Maintenance"
Storage
Do not store capacitors at high temperatures or
high humidity. Capacitors should be stored at
+5 to +35
°C and a relative humidity of ≤ 75%.
7.3
"Shelf life and storage
conditions"
Reference
chapter "Capacitors with
screw terminals"
Breakdown strength
of insulating
sleeves
Do not damage the insulating sleeve, especially
when ring clips are used for mounting.
"Screw terminals
accessories"
Display of ordering codes for EPCOS products
The ordering code for one and the same product can be represented differently in data sheets,
data books, other publications and the website of EPCOS, or in order-related documents such as
shipping notes, order confirmations and product labels. The varying representations of the
ordering codes are due to different processes employed and do not affect the specifications of the
respective products. Detailed information can be found on the Internet under
www.epcos.com/orderingcodes.
B41607
Very high ripple current
125
°C
Page 13 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41607B0168M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607 EPCOS-B41607 Datasheet
174Kb / 8P
   Snap-In Capacitors Automotive Up to 150
logo
TDK Electronics
B41607 TDK-B41607 Datasheet
714Kb / 17P
   Aluminum electrolytic capacitors Large-size capacitors
logo
EPCOS
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
174Kb / 8P
   Snap-In Capacitors Automotive Up to 150
More results

Similar Description - B41607B0168M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com