Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IPD65R420CFDA Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. IPD65R420CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IPD65R420CFDA Datasheet(HTML) 12 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
650VCoolMOS™CFDAPowerTransistor
IPD65R420CFDA
Rev.2.1,2015-02-11
Final Data Sheet
6TestCircuits
Table8Diodecharacteristics
Test circuit for diode characteristics
Diode recovery waveform
t
V ,I
Irrm
IF
VDS
10 %Irrm
trr
tF
tS
QF
QS
dIF / dt
dIrr / dt
VDS(peak)
Qrr = QF + QS
trr =tF +tS
VDS
IF
VDS
IF
Rg1
Rg 2
Rg1 = Rg 2
Table9Switchingtimes
Switching times test circuit for inductive load
Switching times waveform
VDS
VGS
td(on)
td(off)
tr
ton
tf
toff
10%
90%
VDS
VGS
Table10Unclampedinductiveload
Unclamped inductive load test circuit
Unclamped inductive waveform
VDS
V(BR)DS
ID
VDS
VDS
ID


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn