Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IPD65R420CFDA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. IPD65R420CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IPD65R420CFDA Datasheet(HTML) 11 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
650VCoolMOS™CFDAPowerTransistor
IPD65R420CFDA
Rev.2.1,2015-02-11
Final Data Sheet
Avalancheenergy
Tj[°C]
25
75
125
0
50
100
150
200
250
EAS=f(Tj);ID=1.8A;VDD=50V
Typ.capacitances
VDS[V]
0
100
200
300
400
500
600
100
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Typ.Cossstoredenergy
VDS[V]
0
100
200
300
400
500
600
0
1
2
3
4
5
6
Eoss=f(VDS)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn