Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IPD65R420CFDA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. IPD65R420CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

IPD65R420CFDA Datasheet(HTML) 6 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
650VCoolMOS™CFDAPowerTransistor
IPD65R420CFDA
Rev.2.1,2015-02-11
Final Data Sheet
4Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
650
V
VGS=0V,ID=1mA
Gate threshold voltage
VGS(th)
3.5
4
4.5
V
VDS=VGS,ID=0.3445mA
Zero gate voltage drain current
IDSS
5
µA
VDS=650V,VGS=0V,Tj=25°C
600
VDS=650V,VGS=0V,Tj=150°C
Gate-source leakage current
IGSS
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
0.378
0.42
VGS=10V,ID=3.4A,Tj=25°C
0.983
VGS=10V,ID=3.4A,Tj=150°C
Gate resistance
RG
4
f=1MHz,opendrain
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
870
pF
VGS=0V,VDS=100V,f=1MHz
Output capacitance
Coss
45
pF
Effective output capacitance, energy
related
1)
Co(er)
36
pF
VGS=0V,VDS=0...400V
Effective output capacitance, time
related
2)
Co(tr)
161
pF
ID=constant,VGS=0V,
VDS=0...400V
Turn-on delay time
td(on)
10
ns
VDD=400V,VGS=13V,ID=5.2A,
RG=3.4
Rise time
tr
7
ns
Turn-off delay time
td(off)
38
ns
Fall time
tf
8
ns
Table6Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
5.5
nC
VDD=480V,ID=5.2A,
VGS=0to10V
Gate to drain charge
Qgd
17.5
nC
Gate charge total
Qg
32
nC
Gate plateau voltage
Vplateau
6.4
V
1) Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 400V
2) Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 400V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn