Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX3G16EMUTCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLX3G16EMUTCG
Description  Triple Non-Inverting Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX3G16EMUTCG Datasheet(HTML) 4 Page - ON Semiconductor

  NLX3G16EMUTCG Datasheet HTML 1Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 2Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 3Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 4Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 5Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 6Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 7Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NLX3G16
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = −555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation
Delay Input A to
Output
1.65−1.95
RL = 1 MW,
CL = 15 pF
1.8
6.0
7.9
1.8
8.8
1.8
12
ns
2.3−2.7
RL = 1 MW,
CL = 15 pF
1.0
3.0
5.2
1.0
5.8
1.0
9.1
3.0−3.6
RL = 1 MW,
CL = 15 pF
0.8
2.3
3.6
0.8
4.0
0.8
6.5
RL = 500 W,
CL = 50 pF
1.2
3.0
4.6
1.2
5.1
1.2
7.6
4.5−5.5
RL = 1 MW,
CL = 15 pF
0.5
1.8
2.9
0.5
3.2
0.5
5.5
RL = 500 W,
CL = 50 pF
0.8
2.4
3.8
0.8
4.2
0.8
6.4
CIN
Input
Capacitance
5.5
VIN = 0 V or VCC
7.0
pF
CPD
Power
Dissipation
Capacitance
(Note 6)
3.3
5.5
10 MHz
VIN = 0 V or VCC
9
11
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.
Figure 3. Switching Waveforms
Figure 4. Test Circuit
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
RT = ZOUT of pulse generator (typically 50 W)
VCC
GND
50%
50% VCC
A
Y
tPHL
tPLH
PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns


Similar Part No. - NLX3G16EMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G16 ONSEMI-NLX3G16 Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
NLX3G16AMX1TCG ONSEMI-NLX3G16AMX1TCG Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
NLX3G16BMX1TCG ONSEMI-NLX3G16BMX1TCG Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
NLX3G16CMX1TCG ONSEMI-NLX3G16CMX1TCG Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
More results

Similar Description - NLX3G16EMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G16 ONSEMI-NLX3G16 Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
NLU3G16 ONSEMI-NLU3G16 Datasheet
99Kb / 8P
   Triple Non-Inverting Buffer
March, 2008 - Rev. 2
NLU3G16 ONSEMI-NLU3G16_16 Datasheet
83Kb / 9P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 5
NLU3G17 ONSEMI-NLU3G17 Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com