Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G16MUTCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLX2G16MUTCG
Description  Dual Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G16MUTCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLX2G16MUTCG Datasheet HTML 1Page - ON Semiconductor NLX2G16MUTCG Datasheet HTML 2Page - ON Semiconductor NLX2G16MUTCG Datasheet HTML 3Page - ON Semiconductor NLX2G16MUTCG Datasheet HTML 4Page - ON Semiconductor NLX2G16MUTCG Datasheet HTML 5Page - ON Semiconductor NLX2G16MUTCG Datasheet HTML 6Page - ON Semiconductor NLX2G16MUTCG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NLX2G16
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 255C
TA = +855C
TA = −555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low−Level
Input
Voltage
1.65−1.95
0.75 x
VCC
0.75 x
VCC
0.75 x
VCC
V
2.3 to 5.5
0.70 x
VCC
0.70 x
VCC
0.70 x
VCC
VIL
Low−Level
Input
Voltage
1.65−1.95
0.25 x
VCC
0.25 x
VCC
0.25 x
VCC
V
2.3 − 5.5
0.30 x
VCC
0.30 x
VCC
0.30 x
VCC
VOH
High−
Level
Output
Voltage
VIN = VIH or VIL
IOH = −100 mA
1.65 − 5.5
VCC
0.1
VCC
VCC
0.1
VCC
0.1
V
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65
2.3
3.0
3.0
4.5
1.29
1.9
2.4
2.3
3.8
1.52
2.15
2.8
2.68
4.2
1.29
1.9
2.4
2.3
3.8
1.29
1.9
2.4
2.3
3.8
VOL
Low−Level
Output
Voltage
VIN = VIH or VIL
IOL = 100 mA
1.65 − 5.5
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65
2.3
3.0
3.0
4.5
0.08
0.1
0.15
0.22
0.22
0.24
0.3
0.4
0.55
0.55
0.24
0.3
0.4
0.55
0.55
0.24
0.3
0.4
0.55
0.55
IIN
Input
Leakage
Current
0
v VIN v 5.5 V
0 to 5.5
±0.1
±1.0
±1.0
mA
IOFF
Power−Off
Output
Leakage
Current
VIN or VOUT =
5.5 V
0
1.0
10
10
mA
ICC
Quiescent
Supply
Current
VIN = 0 V or VCC
5.5
1.0
10
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NLX2G16MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NLX2G16AMX1TCG ONSEMI-NLX2G16AMX1TCG Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NLX2G16BMX1TCG ONSEMI-NLX2G16BMX1TCG Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NLX2G16CMX1TCG ONSEMI-NLX2G16CMX1TCG Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
More results

Similar Description - NLX2G16MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com