Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G07AMUTCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLX2G07AMUTCG
Description  Dual Non-Inverting Buffer Open Drain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G07AMUTCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLX2G07AMUTCG Datasheet HTML 1Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 2Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 3Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 4Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 5Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 6Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 7Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 5
1
Publication Order Number:
NLX2G07/D
NLX2G07
Dual Non-Inverting Buffer,
Open Drain
The NLX2G07 MiniGate
t is an advanced high−speed CMOS dual
non−inverting buffer with open drain output in ultra−small footprint.
The NLX2G07 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 2.3 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on inputs
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
IN A2
OUT Y2
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
IN A1
OUT Y1
1
VCC
IN A1
OUT Y1
GND
IN A2
OUT Y2
1
2
3
6
5
4
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
FUNCTION TABLE
L
H
AY
L
Z
6
OUT Y1
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
R, A, K, V = Device Marking
M
= Date Code
MARKING
DIAGRAMS
UDFN6
1.2 x 1.0
CASE 517AA
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
M
1
M
1
M


Similar Part No. - NLX2G07AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G07AMX1TCG ONSEMI-NLX2G07AMX1TCG Datasheet
95Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
More results

Similar Description - NLX2G07AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G07 ONSEMI-NLX2G07 Datasheet
95Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
NLU2G07 ONSEMI-NLU2G07_12 Datasheet
137Kb / 10P
   Dual Non-Inverting Buffer, Open Drain
July, 2012 ??Rev. 4
NLU2G07 ONSEMI-NLU2G07_16 Datasheet
72Kb / 7P
   Dual Non-Inverting Buffer, Open Drain
July, 2016 ??Rev. 5
NLU2G07 ONSEMI-NLU2G07 Datasheet
100Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com