Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU2G07 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLU2G07
Description  Dual Non-Inverting Buffer, Open Drain
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G07 Datasheet(HTML) 4 Page - ON Semiconductor

  NLU2G07_16 Datasheet HTML 1Page - ON Semiconductor NLU2G07_16 Datasheet HTML 2Page - ON Semiconductor NLU2G07_16 Datasheet HTML 3Page - ON Semiconductor NLU2G07_16 Datasheet HTML 4Page - ON Semiconductor NLU2G07_16 Datasheet HTML 5Page - ON Semiconductor NLU2G07_16 Datasheet HTML 6Page - ON Semiconductor NLU2G07_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NLU2G07
www.onsemi.com
4
Figure 3. Switching Waveforms
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit
50%
50% VCC
tPZL
tPLZ
VCC
GND
HIGH
IMPEDANCE
VOL )0.3 V
A
Y
VCC
2
R1
ORDERING INFORMATION
Device
Package
Shipping
NLU2G07MUTCG
UDFN6, 1.2 x 1.0, 0.4P
(Pb−Free)
3000 / Tape & Reel
NLU2G07AMUTCG
(In Development)
UDFN6, 1.45 x 1.0, 0.5P
(Pb−Free)
3000 / Tape & Reel
NLU2G07CMUTCG
UDFN6, 1.0 x 1.0, 0.35P
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NLU2G07_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G07 ONSEMI-NLU2G07_12 Datasheet
137Kb / 10P
   Dual Non-Inverting Buffer, Open Drain
July, 2012 ??Rev. 4
More results

Similar Description - NLU2G07_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G07 ONSEMI-NLX2G07 Datasheet
95Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
NLU2G07 ONSEMI-NLU2G07_12 Datasheet
137Kb / 10P
   Dual Non-Inverting Buffer, Open Drain
July, 2012 ??Rev. 4
NLX2G07 ONSEMI-NLX2G07_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Buffer Open Drain
June, 2016 ??Rev. 5
NLU2G07 ONSEMI-NLU2G07 Datasheet
100Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com