Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU2G06 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLU2G06
Description  Dual Inverter, Open Drain
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G06 Datasheet(HTML) 1 Page - ON Semiconductor

  NLU2G06 Datasheet HTML 1Page - ON Semiconductor NLU2G06 Datasheet HTML 2Page - ON Semiconductor NLU2G06 Datasheet HTML 3Page - ON Semiconductor NLU2G06 Datasheet HTML 4Page - ON Semiconductor NLU2G06 Datasheet HTML 5Page - ON Semiconductor NLU2G06 Datasheet HTML 6Page - ON Semiconductor NLU2G06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 4
1
Publication Order Number:
NLU2G06/D
NLU2G06
Dual Inverter, Open Drain
The NLU2G06 MiniGate
t is an advanced high−speed CMOS dual
inverter with open drain output in ultra−small footprint.
The NLU2G06 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.8 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on inputs
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
OUT Y1
IN A2
IN A1
OUT Y2
GND
1
2
3
5
4
IN A2
OUT Y2
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
VCC
IN A1
OUT Y1
1
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
FUNCTION TABLE
L
H
AY
Z
L
6
OUT Y1
MARKING
DIAGRAMS
F
= Device Marking
M
= Date Code
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
FM
1
UDFN6
1.2 x 1.0
CASE 517AA
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
X M
1
X M


Similar Part No. - NLU2G06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
NLU2G06AMX1TCG ONSEMI-NLU2G06AMX1TCG Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
NLU2G06BMX1TCG ONSEMI-NLU2G06BMX1TCG Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
NLU2G06CMX1TCG ONSEMI-NLU2G06CMX1TCG Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
NLU2G06MUTCG ONSEMI-NLU2G06MUTCG Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
More results

Similar Description - NLU2G06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
   Dual Inverter Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
   Dual Inverter (Open Drain)
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
   Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com