Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU2G06 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLU2G06
Description  Dual Inverter, Open Drain
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G06 Datasheet(HTML) 6 Page - ON Semiconductor

  NLU2G06_16 Datasheet HTML 1Page - ON Semiconductor NLU2G06_16 Datasheet HTML 2Page - ON Semiconductor NLU2G06_16 Datasheet HTML 3Page - ON Semiconductor NLU2G06_16 Datasheet HTML 4Page - ON Semiconductor NLU2G06_16 Datasheet HTML 5Page - ON Semiconductor NLU2G06_16 Datasheet HTML 6Page - ON Semiconductor NLU2G06_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NLU2G06
www.onsemi.com
6
PACKAGE DIMENSIONS
UDFN6, 1.2x1.0, 0.4P
CASE 517AA
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND
0.30 mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
10X
A
A1
(A3)
0.08 C
0.10 C
C
SEATING
PLANE
SIDE VIEW
L2
1
3
4
6
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.127 REF
b
0.15
0.25
D
1.20 BSC
E
1.00 BSC
e
0.40 BSC
L
0.30
0.40
L1
0.00
0.15
L1
DETAIL A
Bottom View
(Optional)
A1
A3
DETAIL B
Side View
(Optional)
EDGE OF PACKAGE
MOLD CMPD
EXPOSED Cu
L2
0.40
0.50
MOUNTING FOOTPRINT*
DIMENSIONS: MILLIMETERS
0.22
6X
0.42
6X
1.07
0.40
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - NLU2G06_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G06AMX1TCG ONSEMI-NLU2G06AMX1TCG Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
NLU2G06BMX1TCG ONSEMI-NLU2G06BMX1TCG Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
NLU2G06CMX1TCG ONSEMI-NLU2G06CMX1TCG Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
NLU2G06MUTCG ONSEMI-NLU2G06MUTCG Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
More results

Similar Description - NLU2G06_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
   Dual Inverter Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
   Dual Inverter (Open Drain)
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
   Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com