Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT50AMUTCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLU1GT50AMUTCG
Description  Single Buffer, Non-Inverting, TTL Level
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT50AMUTCG Datasheet(HTML) 4 Page - ON Semiconductor

  NLU1GT50AMUTCG Datasheet HTML 1Page - ON Semiconductor NLU1GT50AMUTCG Datasheet HTML 2Page - ON Semiconductor NLU1GT50AMUTCG Datasheet HTML 3Page - ON Semiconductor NLU1GT50AMUTCG Datasheet HTML 4Page - ON Semiconductor NLU1GT50AMUTCG Datasheet HTML 5Page - ON Semiconductor NLU1GT50AMUTCG Datasheet HTML 6Page - ON Semiconductor NLU1GT50AMUTCG Datasheet HTML 7Page - ON Semiconductor NLU1GT50AMUTCG Datasheet HTML 8Page - ON Semiconductor NLU1GT50AMUTCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NLU1GT50
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 n)
Symbol
Parameter
VCC (V)
Test
Condition
TA = 25 5C
TA = +855C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
Input A to Output Y
1.65 to 1.95
CL = 15 pF
16.6
18.0
22.0
ns
2.3 to 2.7
CL = 15 pF
13.3
14.5
17.5
CL = 50 pF
19.5
22.0
25.5
3.0 to 3.6
CL = 15 pF
4.5
10.0
11.0
13.0
CL = 50 pF
6.3
13.5
15.0
17.5
4.5 to 5.5
CL = 15 pF
3.5
6.7
7.5
8.5
CL = 50 pF
4.3
7.7
8.5
9.5
CIN
Input Capacitance
5
10
10
10.0
pF
CPD
Power Dissipation
Capacitance (Note 6)
5.0
12
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.
GND
50%
50% VCC
A
Y
tPHL
tPLH
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Switching Waveforms
Figure 4. Test Circuit
VOH
VOL
VCC
ORDERING INFORMATION
Device
Package
Shipping
NLU1GT50MUTCG
UDFN6, 1.2 x 1.0, 0.4P
(Pb−Free)
3000 / Tape & Reel
NLU1GT50AMX1TCG
ULLGA6, 1.45 x 1.0, 0.5P
(Pb−Free)
3000 / Tape & Reel
NLU1GT50CMX1TCG
ULLGA6, 1.0 x 1.0, 0.35P
(Pb−Free)
3000 / Tape & Reel
NLU1GT50AMUTCG
UDFN6, 1.45 x 1.0, 0.5P
(Pb−Free)
3000 / Tape & Reel
NLU1GT50CMUTCG
UDFN6, 1.0 x 1.0, 0.35P
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NLU1GT50AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT50AMUTCG ONSEMI-NLU1GT50AMUTCG Datasheet
137Kb / 10P
   Single Buffer, Non-Inverting, TTL Level
July, 2012 ??Rev. 3
More results

Similar Description - NLU1GT50AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50 Datasheet
99Kb / 8P
   Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT50 ONSEMI-NLU1GT50_12 Datasheet
137Kb / 10P
   Single Buffer, Non-Inverting, TTL Level
July, 2012 ??Rev. 3
NLU1GT126 ONSEMI-NLU1GT126_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 5
NLU1GT126 ONSEMI-NLU1GT126_12 Datasheet
141Kb / 10P
   Non-Inverting 3-State Buffer, TTL Level
July, 2012 ??Rev. 3
NLU1GT125 ONSEMI-NLU1GT125_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 6
NLU1GT125 ONSEMI-NLU1GT125_V01 Datasheet
197Kb / 6P
   Non-Inverting 3-State Buffer, TTL Level
January, 2019 - Rev. 7
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT125 ONSEMI-NLU1GT125 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com