Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ17XV5T2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SZ17XV5T2G
Description  Single Non-Inverting Buffer with Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ17XV5T2G Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ17XV5T2G Datasheet HTML 1Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 2Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 3Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 4Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 5Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 6Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
January, 2016 − Rev. 16
1
Publication Order Number:
NL17SZ17/D
NL17SZ17
Single Non-Inverting Buffer
with Schmitt Trigger
The NL17SZ17 is a single Non−inverting Schmitt Trigger Buffer in
three tiny footprint packages. The device performs much as LCX
multi−gate products in speed and drive.
Features
Tiny SOT−353, SOT−553 and SOT−953 Packages
Source/Sink 24 mA at 3.0 Volts
Chip Complexity: FETs = 20
Designed for 1.65 V to 5.5 V VCC Operation
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
Y
VCC
NC
A
1
2
3
5
4
GND
Y
A
VCC
A
GND
1
2
3
5
4
NC
Y
SOT−353/SC70−5/
SC−88A/SOT−553
SOT−953
PIN ASSIGNMENT
(SOT−353/SC70−5/SC−88A/SOT−553)
Pin
1
2
3
4
5
Function
NC
A
GND
Y
VCC
Input
FUNCTION TABLE
Output
Y
L
H
A
L
H
PIN ASSIGNMENT (SOT−953)
Pin
1
2
3
4
5
Function
IN A
GND
NC
Y
VCC
1
5
LX M
G
G
MARKING
DIAGRAMS
SC−88A
(SC−70−5/SOT−353)
DF SUFFIX
CASE 419A
1
5
SOT−553
XV5 SUFFIX
CASE 463B
LX M
G
G
1
5
1
5
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
LX = Specific Device Code
M = Date Code*
G = Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
SOT−953
CASE 527AE
A
= Specific Device Code
(A with 90 degree clockwise rotation)
M
= Month Code
M
1


Similar Part No. - NL17SZ17XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ17XV5T2G ONSEMI-NL17SZ17XV5T2G Datasheet
108Kb / 6P
   Single Non-Inverting Buffer with Schmitt Trigger
April, 2012 ??Rev. 12
NL17SZ17XV5T2G ONSEMI-NL17SZ17XV5T2G Datasheet
190Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 17
NL17SZ17XV5T2G ONSEMI-NL17SZ17XV5T2G Datasheet
162Kb / 13P
   Single Non-Inverting Buffer with Schmitt Trigger
May, 2022 - Rev. 21
NL17SZ17XV5T2G-L22087 ONSEMI-NL17SZ17XV5T2G-L22087 Datasheet
162Kb / 13P
   Single Non-Inverting Buffer with Schmitt Trigger
May, 2022 - Rev. 21
More results

Similar Description - NL17SZ17XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ1 ONSEMI-NL17SZ1 Datasheet
59Kb / 6P
   Single Non-Inverting Buffer with Schmitt Trigger
December, 2004 ??Rev. 6
NL17SZ17 ONSEMI-NL17SZ17_V01 Datasheet
162Kb / 13P
   Single Non-Inverting Buffer with Schmitt Trigger
May, 2022 - Rev. 21
NL17SZ17 ONSEMI-NL17SZ17_12 Datasheet
108Kb / 6P
   Single Non-Inverting Buffer with Schmitt Trigger
April, 2012 ??Rev. 12
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com