Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX244DTG Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74LCX244DTG
Description  Low-Voltage CMOS Octal Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX244DTG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LCX244DTG Datasheet HTML 1Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 2Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 3Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 4Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 5Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 6Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 7Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 8Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74LCX244
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −55°C to +125°C
Symbol
Characteristic
Condition
Min
Max
Units
VIH
HIGH Level Input Voltage (Note 3)
2.3 V
≤ VCC ≤ 2.7 V
1.7
V
2.7 V
≤ VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 3)
2.3 V
≤ VCC ≤ 2.7 V
0.7
V
2.7 V
≤ VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
VCC − 0.2
V
VCC = 2.3 V; IOH = −8 mA
1.8
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
LOW Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 2.3 V; IOL = 8 mA
0.6
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 16 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
IOZ
3−State Output Current
VCC = 3.6 V, VIN = VIH or VIL,
VOUT = 0 to 5.5 V
±5
mA
IOFF
Power Off Leakage Current
VCC = 0, VIN = 5.5 V or VOUT = 5.5 V
10
mA
IIN
Input Leakage Current
VCC = 3.6 V, VIN = 5.5 V or GND
±5
mA
ICC
Quiescent Supply Current
VCC = 3.6 V, VIN = 5.5 V or GND
10
mA
DICC
Increase in ICC per Input
2.3
≤ VCC ≤ 3.6 V; VIH = VCC − 0.6 V
500
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. These values of VI are used to test DC electrical characteristics only.
AC CHARACTERISTICS (tR = tF = 2.5 ns; RL = 500 W)
Limits
TA = −55°C to +125°C
VCC = 3.0 V to 3.6 V
VCC = 2.7 V
VCC = 2.5 V ± 0.2
CL = 50 pF
CL = 50 pF
CL = 30 pF
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Units
tPLH
tPHL
Propagation Delay
Input to Output
1
1.5
1.5
6.5
6.5
1.5
1.5
7.5
7.5
1.5
1.5
7.8
7.8
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
1.5
1.5
8.0
8.0
1.5
1.5
9.0
9.0
1.5
1.5
10
10
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.5
1.5
7.0
7.0
1.5
1.5
8.0
8.0
1.5
1.5
8.4
8.4
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 4)
1.0
1.0
ns
4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Units
VOLP
Dynamic LOW Peak Voltage (Note 5)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.8
0.6
V
VOLV
Dynamic LOW Valley Voltage (Note 5)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.8
−0.6
V
5. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn