Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX244DTG Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74LCX244DTG
Description  Low-Voltage CMOS Octal Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX244DTG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX244DTG Datasheet HTML 1Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 2Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 3Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 4Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 5Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 6Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 7Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 8Page - ON Semiconductor MC74LCX244DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2016
January, 2016 − Rev. 19
1
Publication Order Number:
MC74LCX244/D
MC74LCX244
Low-Voltage CMOS Octal
Buffer
With 5 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The MC74LCX244 is a high performance, non−inverting octal
buffer operating from a 2.3 to 5.5 V supply. High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5 V allows MC74LCX244 inputs
to be safely driven from 5 V devices. The MC74LCX244 is suitable
for memory address driving and all TTL level bus oriented transceiver
applications.
Current drive capability is 24 mA at the outputs. The Output Enable
(OE) input, when HIGH, disables the output by placing them in
a HIGH Z condition.
Features
Designed for 2.3 to 5.5 V VCC Operation
5 V Tolerant − Interface Capability With 5 V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500 mA
ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
1
20
MARKING DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or
G = Pb−Free Package
SOIC−20 WB
DW SUFFIX
CASE 751D
LCX244
AWLYYWWG
LCX
244
ALYW
G
G
TSSOP−20
DT SUFFIX
CASE 948E
20
1
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
(Note: Microdot may be in either location)
QFN20
MN SUFFIX
CASES 485AA
& 485CB
1
LCX
244
ALYW
G
G
SOIC−20 WB
TSSOP−20
QFN20 − 485AA
QFN20 − 485CB
1
244
ALYW
G
G


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn