Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT241DTR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74ACT241DTR2G
Description  Octal Buffer/Line Driver with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT241DTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74ACT241DTR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT241DTR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT241DTR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT241DTR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT241DTR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT241DTR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT241DTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74ACT241
www.onsemi.com
3
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
TA = +255C
TA = −405C to +855C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level Input Voltage
4.5
5.5
1.5
1.5
2.0
2.0
2.0
2.0
V
V
VOUT = 0.1 V or
VCC − 0.1 V
VIL
Maximum Low Level Input Voltage
4.5
5.5
1.5
1.5
0.8
0.8
0.8
0.8
V
V
VOUT = 0.1 V or
VCC − 0.1 V
VOH
Minimum High Level Output Voltage
4.5
5.5
4.49
5.49
4.4
5.4
4.4
5.4
V
V
IOUT = −50 mA
4.5
5.5
3.86
4.86
3.76
4.76
V
V
*VIN = VIL or VIH
−24 mA
IOH
−24 mA
VOL
Maximum Low Level Output Voltage
4.5
5.5
0.001
0.001
0.1
0.1
0.1
0.1
V
V
IOUT = 50 mA
4.5
5.5
0.36
0.36
0.44
0.44
V
V
*VIN = VIL or VIH
24 mA
IOL
24 mA
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOZ
Maximum 3−State Current
5.5
±0.5
±5.0
mA
VI (OE) = VIL, VIH
VI = VCC, GND
VO = VCC, GND
IOLD
IOHD
†Minimum Dynamic Output Current
5.5
5.5
75
−75
mA
mA
VOLD = 1.65 V Max
VOHD = 3.85 V Min
ICC
Maximum Quiescent Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS tr = tf = 3.0 ns (For Figures and Waveforms, See Figures 2, 3, and 4.)
Symbol
Parameter
VCC*
(V)
TA = +255C
CL = 50 pF
TA = −405C to +855C
CL = 50 pF
Unit
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Data to Output
5.0
1.5
6.5
9.0
1.5
10.0
ns
tPHL
Propagation Delay Data to Output
5.0
1.5
7.0
9.0
1.5
10.0
ns
tPZH
Output Enable Time
5.0
1.5
6.0
9.0
1.0
10.0
ns
tPZL
Output Enable Time
5.0
1.5
7.0
10.0
1.5
11.0
ns
tPHZ
Output Disable Time
5.0
1.5
8.0
10.5
1.5
11.5
ns
tPLZ
Output Disable Time
5.0
2.0
7.0
10.5
1.5
11.5
ns
*Voltage Range 5.0 V is 5.0 V
±0.5 V
CAPACITANCE
Symbol
Parameter
Value Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V


Similar Part No. - MC74ACT241DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT241DTR2G ONSEMI-MC74ACT241DTR2G Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
More results

Similar Description - MC74ACT241DTR2G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com