Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT125DTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74ACT125DTR2G
Description  Quad Buffer with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT125DTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT125DTR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT125DTR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT125DTR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT125DTR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT125DTR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT125DTR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT125DTR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT125DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 8
1
Publication Order Number:
MC74AC125/D
MC74AC125, MC74ACT125
Quad Buffer with 3-State
Outputs
High−Performance Silicon−Gate CMOS
Features
Outputs Source/Sink
′ACT125 Has TTL Compatible Inputs
These are Pb−Free Devices
A0
B0
O0
A1
B1
O1
GND
13
14
12
11
10
9
8
2
1
3456
7
VCC
A2
B2
O2
A3
B3
O3
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
An, Bn
Inputs
On
Outputs
FUNCTION TABLE
Inputs
Output
An
Bn
On
L
L
L
H
L
H
H
X
Z
NOTE:
H = High Voltage Level;
L = Low Voltage Level;
Z = High Impedance;
X = Immaterial
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
xxx
= AC or ACT
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W = Work Week
G or
G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
xxx
125
ALYW
G
G
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
xxx125G
AWLYWW
1
14
(Note: Microdot may be in either location)


Similar Part No. - MC74ACT125DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT125DTR2G ONSEMI-MC74ACT125DTR2G Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
More results

Similar Description - MC74ACT125DTR2G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com