Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC541A Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LVC541A
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC541A Datasheet(HTML) 2 Page - ON Semiconductor

  74LVC541A_15 Datasheet HTML 1Page - ON Semiconductor 74LVC541A_15 Datasheet HTML 2Page - ON Semiconductor 74LVC541A_15 Datasheet HTML 3Page - ON Semiconductor 74LVC541A_15 Datasheet HTML 4Page - ON Semiconductor 74LVC541A_15 Datasheet HTML 5Page - ON Semiconductor 74LVC541A_15 Datasheet HTML 6Page - ON Semiconductor 74LVC541A_15 Datasheet HTML 7Page - ON Semiconductor 74LVC541A_15 Datasheet HTML 8Page - ON Semiconductor 74LVC541A_15 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74LVC541A
www.onsemi.com
2
Figure 1. Pinout: 20−Lead (Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
OE2
O0
O1
O2
O3
O4
O5
O6
O7
OE1
D0
D1
D2
D3
D4
D5
D6
D7
GND
Figure 2. Logic Diagram
OE1
1
D0
2
O0
18
D1
3
O1
17
D2
4
O2
16
D3
5
O3
15
D4
6
O4
14
D5
7
O5
13
D6
8
O6
12
D7
9
O7
11
OE2
19
PIN NAMES
Function
Output Enable Inputs
Data Inputs
3−State Outputs
Pins
OEn
Dn
On
TRUTH TABLE
Inputs
Outputs
OE1
OE2
Dn
On
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State;
X = High or Low Voltage Level and Transitions are Acceptable, for ICC reasons,
DO NOT FLOAT Inputs


Similar Part No. - 74LVC541A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
More results

Similar Description - 74LVC541A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com