Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI1394P25BY Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDI1394P25BY
Description  1-port 400 Mbps physical layer interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P25BY Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDI1394P25BY Datasheet HTML 5Page - NXP Semiconductors PDI1394P25BY Datasheet HTML 6Page - NXP Semiconductors PDI1394P25BY Datasheet HTML 7Page - NXP Semiconductors PDI1394P25BY Datasheet HTML 8Page - NXP Semiconductors PDI1394P25BY Datasheet HTML 9Page - NXP Semiconductors PDI1394P25BY Datasheet HTML 10Page - NXP Semiconductors PDI1394P25BY Datasheet HTML 11Page - NXP Semiconductors PDI1394P25BY Datasheet HTML 12Page - NXP Semiconductors PDI1394P25BY Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Philips Semiconductors
Product data
PDI1394P25BY
1-port 400 Mbps physical layer interface
2002 Oct 11
9
9.0
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
V
Supply voltage
Source power node
3.0
3.3
3.6
V
VDD
Supply voltage
Non-source power node
2.7 1
3.0
3.6
V
High-level input voltage, LREQ,
ISO = VDD, VDD >= 2.7 V
2.3
V
gg ,
,
CTL0, CTL1, D0-D7
ISO = VDD, VDD >= 3.0 V
2.6
V
VIH
High-level input voltage,
C/LKON2, PC0–PC2, ISO, PD
0.7 VDD
V
RESET
0.6 VDD
Low-level input voltage, LREQ,
CTL0, CTL1, D0–D7
ISO = VDD
0.7
V
VIL
Low-level input voltage, C/LKON2,
PC0–PC2, ISO, PD,
0.2 VDD
V
RESET
0.3 VDD
IO
Output current
TPBIAS outputs
–6
2.5
mA
V
Differential input voltage
TPA, TPB cable inputs, during data reception
118
260
mV
VID
g
amplitude
TPA, TPB cable inputs, during data arbitration
168
265
mV
V C
TPB common mode input voltage
Speed signaling off
or S100 speed
Source power node
1.165
2.515
V
VIC-100
TPB common-mode input voltage
or S100 s eed
signal
Non-source power node
1.165
2.0151
V
V C
TPB common mode input voltage
S200 speed signal
Source power node
0.935
2.515
V
VIC-200
TPB common-mode input voltage
S200 speed signal
Non-source power node
0.935
2.0151
V
V C
TPB common mode input voltage
S400 speed signal
Source power node
0.523
2.515
V
VIC-400
TPB common-mode input voltage
S400 speed signal
Non-source power node
0.523
2.0151
V
tPU
Power-up reset time
Set by capacitor between RESET pin and GND
2
ms
TPA, TPB cable inputs, S100 operation
1.08
ns
Receive input jitter
TPA, TPB cable inputs, S200 operation
0.5
ns
TPA, TPB cable inputs, S400 operation
0.315
ns
Between TPA and TPB cable inputs, S100
operation
0.8
ns
Receive input skew
Between TPA and TPB cable inputs, S200
operation
0.55
ns
Between TPA and TPB cable inputs, S400
operation
0.5
ns
fXTAL
Crystal or external clock
frequency
Crystal connected according to Figure 10 or
external clock input at pin XI
24.5735
24.576
24.5785
MHz
NOTES:
1. For a node that does not source power to the bus (see Section 4.2.2.2 in the IEEE 1394-1995 standard).
2. C/LKON is only an input when RESET = 0.


Similar Part No. - PDI1394P25BY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P25BD PHILIPS-PDI1394P25BD Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
More results

Similar Description - PDI1394P25BY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
   3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
   Charger Interface Physical Layer IC
August 2016
logo
Texas Instruments
DP83620SQ TI-DP83620SQ Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI1-DP83620SQE Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI-DP83620SQE Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com