Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP60R074C6 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPP60R074C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R074C6 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPP60R074C6 Datasheet HTML 7Page - Infineon Technologies AG IPP60R074C6 Datasheet HTML 8Page - Infineon Technologies AG IPP60R074C6 Datasheet HTML 9Page - Infineon Technologies AG IPP60R074C6 Datasheet HTML 10Page - Infineon Technologies AG IPP60R074C6 Datasheet HTML 11Page - Infineon Technologies AG IPP60R074C6 Datasheet HTML 12Page - Infineon Technologies AG IPP60R074C6 Datasheet HTML 13Page - Infineon Technologies AG IPP60R074C6 Datasheet HTML 14Page - Infineon Technologies AG IPP60R074C6 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
??
!
*
3&
< A
=9&F
&
-
3&
< A
=9&F
&
-
3&
< A
=9&F
&
-
3&
< A
=9&F
&
-
bbbb lE1m
lE1m
lE1m
lE1m
)
)&
&
?
?!
?>
=!
=
=>
&
!
>
8 %
'
DB% b'n
2 D
$
4
./ < / <
< 3
./ < / <
< 3
./ < / <
< 3
./ < / <
< 3
l m
l m
l m
l m
?
&
<
!
=
?
? ?
? &
? <
? !
1 33
1&33
1 33
1DB%
'n @ D
n
BD >CS
,
./ 1&33 3 &
9
-.
./ 1&33 3 &
9
-.
./ 1&33 3 &
9
-.
./ 1&33 3 &
9
-.
l m
l m
l m
l m
?
&
<
!
=
=
?
?=
&
5&33DB%
'


Similar Part No. - IPP60R074C6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP60R074C6 ISC-IPP60R074C6 Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPP60R074C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com