Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS65R650CE Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPS65R650CE
Description  650V CoolMOS짧 CE Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPS65R650CE Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPS65R650CE Datasheet HTML 1Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 2Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 3Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 4Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 5Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 6Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 7Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 8Page - Infineon Technologies AG IPS65R650CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
650VCoolMOSªCEPowerTransistor
IPS65R650CE
Rev.2.0,2016-02-25
Final Data Sheet
2Thermalcharacteristics
Table3ThermalcharacteristicsTO-252
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
1.45
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
62
°C/W device on PCB, minimal footprint
Thermal resistance, junction - ambient
for SMD version
RthJA
-
35
45
°C/W
Device on 40mm*40mm*1.5mm
epoxy PCB FR4 with 6cm² (one
layer, 70µm thickness) copper area
for drain connection and cooling.
PCB is vertical without air stream
cooling.
Soldering temperature, wave & reflow
soldering allowed
Tsold
-
-
260
°C
reflow MSL1


Similar Part No. - IPS65R650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPS65R600E6 INFINEON-IPS65R600E6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-23
IPS65R600E6 INFINEON-IPS65R600E6_15 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-23
More results

Similar Description - IPS65R650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD65R1K5CE INFINEON-IPD65R1K5CE Datasheet
969Kb / 14P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-24
IPS65R1K5CE INFINEON-IPS65R1K5CE_16 Datasheet
1Mb / 14P
   650V CoolMOS짧 CE Power Transistor
2016-03-31
IPS65R400CE INFINEON-IPS65R400CE Datasheet
1Mb / 15P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-23
IPN65R1K5CE INFINEON-IPN65R1K5CE Datasheet
1Mb / 13P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPD65R1K0CE INFINEON-IPD65R1K0CE Datasheet
969Kb / 14P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPD65R400CE INFINEON-IPD65R400CE Datasheet
1Mb / 15P
   650V CoolMOS짧 CE Power Transistor
Rev. 2.0 2016-02-26
IPS65R1K0CE INFINEON-IPS65R1K0CE_16 Datasheet
1Mb / 14P
   650V CoolMOS짧 CE Power Transistor
2016-03-31
IPD70R950CE INFINEON-IPD70R950CE Datasheet
1Mb / 16P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-18
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com