Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382C-167AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1382C-167AC
Description  18-Mb (512K x 36/1M x 18) Pipelined SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382C-167AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1382C-167AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1382C-167AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1382C-167AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1382C-167AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1382C-167AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1382C-167AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1382C-167AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1382C-167AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1382C-167AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CY7C1380C
CY7C1382C
Document #: 38-05237 Rev. *D
Page 8 of 36
VSSQ
5,10,21,26,55,
60,71,
76
-
-
I/O Ground
Ground for the I/O circuitry.
VDDQ
4,11,20,27,54,
61,70,
77
A1,F1,J1,M1,
U1,
A7,F7,J7,M7,
U7
C3,C9,D3,D9,
E3,E9,F3,F9,G
3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,N3,
N9
I/O Power
Supply
Power supply for the I/O circuitry.
MODE
31
R3
R1
Input-
Static
Selects Burst Order. When tied to GND
selects linear burst sequence. When tied to VDD
or left floating selects interleaved burst
sequence. This is a strap pin and should remain
static during device operation. Mode Pin has an
internal pull-up.
TDO
-
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers
data on the negative edge of TCK. If the JTAG
feature is not being utilized, this pin should be
disconnected. This pin is not available on TQFP
packages.
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled
on the rising edge of TCK. If the JTAG feature
is not being utilized, this pin can be discon-
nected or connected to VDD. This pin is not
available on TQFP packages.
TMS
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled
on the rising edge of TCK. If the JTAG feature
is not being utilized, this pin can be discon-
nected or connected to VDD. This pin is not
available on TQFP packages.
TCK
-
U4
R7
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG
feature is not being utilized, this pin must be
connected to VSS. This pin is not available on
TQFP packages.
NC
14,16,66,
39,38
B1,C1,
R1,T1,T2,J3,
D4,
L4,J5,R5,6T,
6U,
B7,C7,
R7
A11,B1,C2,C1
0,H1,H3,H9,
H10,
N2,N5,N7,N10
,P1,A1,B11,P2
,R2,N6
-
No Connects. Not internally connected to the
die
CY7C1380C–Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1382C-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382CV25 CYPRESS-CY7C1382CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1382CV25 CYPRESS-CY7C1382CV25 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382CV25-167AC CYPRESS-CY7C1382CV25-167AC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1382CV25-167AC CYPRESS-CY7C1382CV25-167AC Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382CV25-167AI CYPRESS-CY7C1382CV25-167AI Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results

Similar Description - CY7C1382C-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380BV25 CYPRESS-CY7C1380BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com