Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP10LA03 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part No. EP10LA03
Description  SBD JEDEC SOD PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NIEC [Nihon Inter Electronics Corporation]
Homepage  http://www.niec.co.jp
Logo 

EP10LA03 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.011g
Rating
Symbol
EP10LA03
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
1.0
Tl=100
°C *
Direct Forward Current
Idc
1.0
Ta=30
°C
Direct Current
A
0.8
Tl=98
°C
Average Rectified Output Current
IO
0.8
Ta=25
°C
Rectangular
Current
A
Surge Forward Current
IFSM
12
50Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
2
mA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1.0A
-
-
0.39
V
Rth(j-a) Junction to Ambient *
-
-
270
Thermal Resistance
Rth(j-l) Junction to Lead
-
-
70
°C /W
* Glass Epoxy Substrate Mounted (Soldering Lands=1x1mm,Both Sides)
(Tl: Lead Temperature)
SBD
Type
Type
Type
Type :
EP10LA03
EP10LA03
EP10LA03
EP10LA03
FEATU
FEATU
FEATU
FEATURES
RES
RES
RES
* JEDEC SOD-123 Package
* Very Low profile 1.1mm Max
* Extremely Low Forward Voltage Drop
* Low Power Loss,High Efficiency
* High Surge Capability
* Low Thermal Resistance
* Packaged in 8mm Tape and Reel


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EP05H10SBD JEDEC SOD -123l 1 2 Nihon Inter Electronics Corporation
EP10QY03SBD JEDEC SOD 1 2 Nihon Inter Electronics Corporation
MTD4848 Lead Molded Thin Shrink Small Outline Package JEDEC 1 National Semiconductor (TI)
MTC1616 Lead Molded Thin Shrink Small Outline Package JEDEC NS Package Number MTC16 1 National Semiconductor (TI)
AAZ15JEDEC DO-7 PACKAGE 1 List of Unclassifed Manufacturers
OM6021SC100V Thru 500V Up To 35 Amp N-Channel Power MOSFETs In JEDEC TO-259AA Package 1 International Rectifier
PESD24VS1UBESD protection diodes in SOD 523 package 1 2 3 4 5 MoreNXP Semiconductors
OM5010STHERMETIC JEDEC TO-257AA HIGH EFFICIENCY SOFT RECOVERY RECTIFIER 1 2 List of Unclassifed Manufacturers
PM150CVA060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn