Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1110L Datasheet(PDF) 5 Page - Dallas Semiconductor

Part No. DS1110L
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110L Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1110L Datasheet HTML 1Page - Dallas Semiconductor DS1110L Datasheet HTML 2Page - Dallas Semiconductor DS1110L Datasheet HTML 3Page - Dallas Semiconductor DS1110L Datasheet HTML 4Page - Dallas Semiconductor DS1110L Datasheet HTML 5Page - Dallas Semiconductor DS1110L Datasheet HTML 6Page - Dallas Semiconductor DS1110L Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Detailed Description
The DS1110L 10-tap delay line is a 3V version of
the DS1110. It has 10 equally spaced taps providing
delays from 10ns to 500ns. The device is offered in a
standard 14-pin TSSOP. The DS1110L series delay lines
provide a nominal accuracy of ±5% or ±2ns, whichever is
greater, at 3.3V and +25°C. The DS1110L is character-
ized to operate from 2.7V to 3.6V. The DS1110L repro-
duces the input-logic state at the tap 10 output after a
fixed delay as specified by the dash-number suffix of the
part number (Table 1). The DS1110L produces both lead-
ing- and trailing-edge delays with equal precision. Each
tap is capable of driving up to 10 74LS-type loads. Dallas
Semiconductor can customize standard products to meet
specific needs. Figure 1 is the DS1110_L logic diagram
and Figure 2 shows the timing diagram for the silicon
delay line.
3V 10-Tap Silicon Delay Line
_____________________________________________________________________
5
10%
10%
IN
TAP1
TAP2
TAP9
TAP10
10%
10%
Figure 1. Logic Diagram
PART
TOTAL DELAY (ns)
DELAY/TAP (ns)
DS1110LE-100
100
10
DS1110LE-125
125
12.5
DS1110LE-150
150
15
DS1110LE-175
175
17.5
DS1110LE-200
200
20
DS1110LE-250
250
25
DS1110LE-300
300
30
DS1110LE-350
350
35
DS1110LE-400
400
40
DS1110LE-450
450
45
DS1110LE-500
500
50
Table 1. Part Number by Delay (tPHL, tPLH)
VIL
IN
OUT
0.6V
VIH
tRISE
2.4V
1.5V
1.5V
1.5V
1.5V
1.5V
0.6V
2.4V
PERIOD
tWI
tPLH
tPLH
tFALL
tWI
Figure 2. Timing Diagram: Silicon Delay Line


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS101010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS111010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS11353-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10444-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
1519-20A10-TAP DIP DELAY LINE TD/TR = 5 1 2 3 List of Unclassifed Manufacturers
DS1135L3V 3-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
3D7010MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1 2 3 4 Data Delay Devices, Inc.
DS1020Programmable 8-Bit Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DDU224F10-TAP TTL-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn