Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1110L Datasheet(PDF) 4 Page - Dallas Semiconductor

Part No. DS1110L
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1110L Datasheet(HTML) 4 Page - Dallas Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3V 10-Tap Silicon Delay Line
4
______________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
1.0
5
10
15
20
25
0
0.1
10
ACTIVE CURRENT vs. INPUT FREQUENCY
DS1110L-500
FREQUENCY (MHz)
VCC = 3.6V
15pF LOAD
ON EACH TAP
ACTIVE CURRENT vs. INPUT FREQUENCY
DS1110L-250
FREQUENCY (MHz)
10
1
5
10
15
20
25
30
35
40
45
50
0
0.1
100
VCC = 3.6V
15pF LOAD
ON EACH TAP
0.5
0.4
0.3
0.2
0.1
2.00E-03
4.00E-03
6.00E-03
8.00E-03
1.00E-02
1.20E-02
1.40E-02
1.60E-02
1.80E-02
0.00E+00
00.6
OUTPUT CURRENT LOW
vs. OUTPUT VOLTAGE LOW
OUTPUT VOLTAGE LOW (V)
VCC = 2.7V
OUTPUT CURRENT HIGH
vs. OUTPUT VOLTAGE HIGH
OUTPUT VOLTAGE HIGH (V)
2.6
2.5
2.3
2.4
2.2
2.1
-1.60E-02
-1.40E-02
-1.20E-02
-1.00E-02
-8.00E-03
-6.00E-03
-4.00E-03
-2.00E-03
0.00E+0
-1.80E-02
2.0
2.7
VCC = 2.7V
PIN
NAME
FUNCTION
1
IN
Input
2
N.C.
No Connection
7
GND
Ground
13, 3, 12, 4, 11,
5, 10, 6, 9, 8
Tap 1–Tap 10
Tap Output Number
14
VCC
2.7V to 3.6V
Pin Description


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS101010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS111010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS11353-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10444-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
1519-20A10-TAP DIP DELAY LINE TD/TR = 5 1 2 3 List of Unclassifed Manufacturers
DS1135L3V 3-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
3D7010MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1 2 3 4 Data Delay Devices, Inc.
DS1020Programmable 8-Bit Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DDU224F10-TAP TTL-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn