Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS1110L Datasheet(PDF) 3 Page - Dallas Semiconductor

Part No. DS1110L
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1110L Datasheet(HTML) 3 Page - Dallas Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3V 10-Tap Silicon Delay Line
_____________________________________________________________________
3
Note 1: All voltages are referenced to ground.
Note 2: Measured with outputs open.
Note 3: Initial tolerances are ± with respect to the nominal value at +25°C and VCC = 3.3V for both leading and trailing edges.
Note 4: Temperature and voltage tolerances are with respect to the nominal delay value over stated temperature range and a 2.7V to
3.6V range.
Note 5: Intermediate delay values are available on a custom basis.
Note 6: See Test Conditions section.
Note 7: All tap delays tend to vary unidirectionally with temperature or voltage changes. For example, if tap 1 slows down, all other
taps also slow down; tap 3 can never be faster than tap 2.
Note 8: Pulse width and period specifications may be exceeded; however, accuracy is application sensitive (decoupling, layout, etc.).
Note 9: For Tap 1 delays greater than 20ns, the tolerance is ±3ns or ±5%, whichever is greater.
CAPACITANCE
(TA = +25°C.)
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
510
pF
-2
-1
0
1
2
3
4
-3
CHANGE IN DELAY (%) vs. TEMPERATURE
DS1110L-250
TEMPERATURE (
°C)
60
35
10
-15
-40
85
RISING EDGE
FALLING EDGE
CHANGE IN DELAY (%) vs. TEMPERATURE
DS1110L-500
TEMPERATURE (
°C)
60
35
10
-15
-4
-3
-2
-1
0
1
2
3
4
5
6
-5
-40
85
RISING EDGE
FALLING EDGE
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.4
DELAY CHANGE (%)
vs. VCC DS1110L-250
VCC (V)
3.3
3.0
2.7
3.6
RAISING EDGE
FALLING EDGE
DELAY CHANGE (%)
vs. VCC DS1110L-500
VCC (V)
3.3
3.0
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
-0.35
2.7
3.6
RAISING EDGE
FALLING EDGE


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS101010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS111010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS11353-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10444-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
1519-20A10-TAP DIP DELAY LINE TD/TR = 5 1 2 3 List of Unclassifed Manufacturers
DS1135L3V 3-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
3D7010MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1 2 3 4 Data Delay Devices, Inc.
DS1020Programmable 8-Bit Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DDU224F10-TAP TTL-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn