Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1110L Datasheet(PDF) 2 Page - Dallas Semiconductor

Part No. DS1110L
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110L Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1110L Datasheet HTML 1Page - Dallas Semiconductor DS1110L Datasheet HTML 2Page - Dallas Semiconductor DS1110L Datasheet HTML 3Page - Dallas Semiconductor DS1110L Datasheet HTML 4Page - Dallas Semiconductor DS1110L Datasheet HTML 5Page - Dallas Semiconductor DS1110L Datasheet HTML 6Page - Dallas Semiconductor DS1110L Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3V 10-Tap Silicon Delay Line
2
______________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C, VCC = 2.7V to 3.6V.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on Any Pin Relative to Ground .................-0.5V to +6.0V
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature...................See IPC/JEDEC J-STD-020A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
3.3
3.6
V
High-Level Input Voltage
VIH
(Note 1)
2.2
VCC
+ 0.3
V
Low-Level Input Voltage
VIL
(Note 1)
-0.3
+0.8
V
Input Leakage Current
II
0V
≤ VI ≤ VCC
-1.0
+1.0
µA
Active Current
ICC
VCC = max, period = min (Note 2)
40
150
mA
High-Level Output Current
IOH
VCC = min, VOH = 2.3V
-1.0
mA
Low-Level Output Current
IOL
VCC = min, VOL = 0.5V
12
mA
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C, VCC = 2.7V to 3.6V.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Pulse Width
tWI
(Note 6)
10% of
tap 10
ns
+25°C, 3.3V (Notes 3, 5, 6, 7, 9)
-2
Table 1
+2
0°C to +70°C (Notes 4–7)
-3
Table 1
+3
Input to Tap Delay
(Delays
40ns)
tPLH
tPHL
-40°C to +85°C (Notes 4–7)
-4
Table 1
+4
ns
+25°C, 3.3V (Notes 3, 5, 6, 7, 9)
-5
Table 1
+5
0°C to +70°C (Notes 4–7)
-8
Table 1
+8
Input to Tap Delay
(Delays > 40ns)
tPLH
tPHL
-40°C to +85°C (Notes 4–7)
-13
Table 1
+13
%
Power-Up Time
tPU
100
ms
Input Period
Period
(Note 8)
2 (tWI)ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1010 10-Tap Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1110 10-Tap Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1135 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1044 4-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
1519-20A 10-TAP DIP DELAY LINE TD/TR = 5 1  2  3  List of Unclassifed Manufacturers
DS1135L 3V 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
3D7010 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1  2  3  4  Data Delay Devices, Inc.
DS1020 Programmable 8-Bit Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DDU224F 10-TAP TTL-INTERFACED FIXED DELAY LINE 1  2  3  4  Data Delay Devices, Inc.
DS1003 4-Tap Silicon Delay Line for RISC Applications 1  2  3  4  5  More Dallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn